Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7780 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 20Page - NXP Semiconductors SAA7780 Datasheet HTML 21Page - NXP Semiconductors SAA7780 Datasheet HTML 22Page - NXP Semiconductors SAA7780 Datasheet HTML 23Page - NXP Semiconductors SAA7780 Datasheet HTML 24Page - NXP Semiconductors SAA7780 Datasheet HTML 25Page - NXP Semiconductors SAA7780 Datasheet HTML 26Page - NXP Semiconductors SAA7780 Datasheet HTML 27Page - NXP Semiconductors SAA7780 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
24
Music DAC Interface
General Purpose Input/Output
Power and Ground Pins
MSI
157
IO-T
Music DAC Serial Data Output
This signal is the serial bit stream used to transmit PCM data to a
industry standard serial DAC. Any mono or stereo PCM audio
stream can be played from the DSP to this interface to provide
music without the need for an AC’97 codec.
If the serial port is disabled, then this pin can be used for general
purpose I/O control.
MCLK
158
IO-T
Music DAC Data Bit Clock
The MSI data is synchronized to this clock used by an external
Music DAC.
If the serial port is disabled, then this pin can be used for general
purpose I/O control.
MLRCK
159
IO-T
Music DAC Data Word Clock
This signal is used to frame the left and right channel PCM data
being transmitted to the external Music DAC.
If the serial port is disabled, then this pin can be used for general
purpose I/O control.
GPIO0
154
I/O-T
General Purpose I/O Bit 0
This pin can be used for general purpose I/O control.
GPIO1
155
I/O-T
General Purpose I/O Bit 1
This pin can be used for general purpose I/O control.
GPIO2
156
I/O-T
General Purpose I/O Bit 2
This pin can be used for general purpose I/O control.
VDDIC
138,99
DPWR
Core Power
VSSIC
60,147
DGND
Core Ground
VSS
26,15,40,47,
62,74,81,90,
104,120,128,
160
DGND
Ring Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com