Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7780 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 42Page - NXP Semiconductors SAA7780 Datasheet HTML 43Page - NXP Semiconductors SAA7780 Datasheet HTML 44Page - NXP Semiconductors SAA7780 Datasheet HTML 45Page - NXP Semiconductors SAA7780 Datasheet HTML 46Page - NXP Semiconductors SAA7780 Datasheet HTML 47Page - NXP Semiconductors SAA7780 Datasheet HTML 48Page - NXP Semiconductors SAA7780 Datasheet HTML 49Page - NXP Semiconductors SAA7780 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
46
Miscellaneous Configuration Register - MSCCFG (RO/RW)
PCI Configuration Space 1
The following table is a summary of all the PCI configuration space registers. The registers that are block-mates with
the PCI interface (offset 00h - 3Ch) will be detailed following this table. The remainder of the registers will be detailed
with the blocks they control. This register space is for the joystick.
PCI Configuration Space 1 Register Map
PCI CFG 0
D7
D6
D5
D4
D3
D2
D1
D0
Offset 58h
ASYMCLK[1:0]
RDY_EN
CFGCLK
BHEN
PCCH[1:0]
PCPCI
_EN
POR Value
0
0
0
0
0
0
0
0
Bit
Name
R/W
Function
7:6
ASYMCLK
RW
Asymmetrical Clock Select. These bits program the duty cycle for the input
for the two phase DSP clock generator.
5
RDY_EN
RW
Music registers ready enable. When set, the music registers will cause the
PCI interface to retry when either of the music registers (music0 or music1)
are full.
4
CFGCLK
RW
Serial Configuration Port Clock Select. This bit selects the clock output to the
Configuration Serial Port.
0 = Ouput a 400 KHz clock. Incoming data will be synchronized to this clock.
1 = Output the PCI clock.
3
BHEN
RW
Bus Hog Fix Enable.
2:1
PCCH
RW
These two bits are the encoded channel number that the soundblaster will be
on in the PC/PCI mode and are valid only when the PC/PCI mode is enabled.
0
PCPCI_EN
RW
PC/PCI mode enable bit. This bit, when set = 1, will enable the PC/PCI
sideband signals for the Soundblaster legacy mode.
Byte 3
Byte 2
Byte 1
Byte 0
Offset
Device ID
Vendor ID
00h
Status
Command
04h
Class Code
Revision ID
08h
BIST
Header Type
Master Latency Timer
Cache Line Size
0Ch
GMBASE
10h
Reserved
14-2B
Subsystem ID
Subsystem Vendor ID
2Ch
Reserved
30-3Bh
Max_Lat
Min_Gnt
Interrupt Pin
Interrupt Line
3Ch
Reserved
40-6Bh
Reserved
Reserved
Reserved
GAMECFG0
6Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com