Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7780 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SAA7780
Description  ThunderBird Q3D PCI Audio Accelerator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7780 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SAA7780 Datasheet HTML 23Page - NXP Semiconductors SAA7780 Datasheet HTML 24Page - NXP Semiconductors SAA7780 Datasheet HTML 25Page - NXP Semiconductors SAA7780 Datasheet HTML 26Page - NXP Semiconductors SAA7780 Datasheet HTML 27Page - NXP Semiconductors SAA7780 Datasheet HTML 28Page - NXP Semiconductors SAA7780 Datasheet HTML 29Page - NXP Semiconductors SAA7780 Datasheet HTML 30Page - NXP Semiconductors SAA7780 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
ThunderBird Q3D PCI Audio
SAA7780
Accelerator
Philips Semiconductors
Product Specification
1999 Sep 30
27
The PCI datapath block contains the multiplexors and registers to steer the data to and from the PCI interfaces. The
data is de-multiplexed from the external PCI interface to the internal master and slave busses. Control logic from the
master and slave devices control the datapath.
The SAA7780 is considered a multi-function device since the operating system may wish to load different drivers for
certain functions. These functions are the audio subsystem, the joystick and the 16650 UART. Each of these major
functions must have a separate PCI configuration space. The standard PCI configuration header for these three
functions are supported in the PCI interface.
The SAA7780 PCI interface responds to and initiates PCI cycles with positive decoding according to the PCI 2.1
specification. The interface asserts DEVSEL# after the first clock following FRAME# making it a medium responder. For
specific LAM cycles, the SAA7780 will be a fast responder. The following table indicates which cycles the PCI interface
responds to or initiates.
PCI Bus Command Definitions and SAA7780 Responses
The SAA7780 will respond to byte, word, tri-byte or double word access for configuration read and configuration write
cycles provided PCI addressing rules are followed. Byte and word width accesses allowed for I/O cycles depend largely
on the target I/O device. In general, 24-bit and 32-bit accesses are not allowed to I/O devices and will result in a target
abort. The SAA7780 performs double word accesses when initiating master cycles. Note that the SAA7780 cannot
initiate a master cycle to itself. The next table summarizes the access rules for configuration and I/O cycles.
c/be#[3:0]
Command Type
SAA7780 Response to Cycle
0000
Interrupt Acknowledge
This cycle is not claimed.
0001
Special Cycle
This cycle is not claimed.
0010
I/O Read
All I/O Read cycles directed to the SAA7780 are claimed by the
target interface.
0011
I/O Write
All I/O Write cycles directed to the SAA7780 are claimed by the
target interface.
0100
Reserved
This cycle is not claimed.
0101
Reserved
This cycle is not claimed.
0110
Memory Read
This cycle is not claimed.
0111
Memory Write
This cycle is not claimed.
1000
Reserved
This cycle is not claimed.
1001
Reserved
This cycle is not claimed.
1010
Configuration Read
All Configuration Read cycles are claimed by the target interface
provided IDSEL is sampled asserted during the address/cmd
phase.
1011
Configuration Write
All Configuration Write cycles are claimed by the target interface
provided IDSEL is sampled asserted during the address/cmd
phase.
1100
Memory Read Multiple
This cycle is not claimed.
1101
Dual Address Cycle
The SAA7780 supports 32-bit addresses only.
1110
Memory Read Line
This cycle is not claimed.
1111
Memory Write and Invalidate
This cycle is not claimed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com