Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB90F482 Datasheet HTML 1Page - fujitsu semiconductor MB90F482 Datasheet HTML 2Page - fujitsu semiconductor MB90F482 Datasheet HTML 3Page - fujitsu semiconductor MB90F482 Datasheet HTML 4Page - fujitsu semiconductor MB90F482 Datasheet HTML 5Page - fujitsu semiconductor MB90F482 Datasheet HTML 6Page - fujitsu semiconductor MB90F482 Datasheet HTML 7Page - fujitsu semiconductor MB90F482 Datasheet HTML 8Page - fujitsu semiconductor MB90F482 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 120 page
background image
MB90480/485 Series
4
• MB90485 series
(Continued)
MB90487B
MB90488B
MB90F488B MB90V485B MB90F489B
MB90483C
Classification
MASK ROM product
Flash
memory
product
Evaluation
product
Flash
memory
product
MASK ROM
product
ROM size
192 Kbytes
256 Kbytes
256 Kbytes
⎯
384 Kbytes
256 Kbytes
RAM size
10 Kbytes
10 Kbytes
10 Kbytes
16 Kbytes
24 Kbytes
16 Kbytes
CPU function
Number of instructions
: 351
Instruction bit length
: 8-bit, 16-bit
Instruction length
: 1 byte to 7 bytes
Data bit length
: 1-bit, 8-bit, 16-bit
Minimum instruction execution time : 40 ns (25 MHz machine clock)
Ports
General-purpose I/O ports : up to 84
General-purpose I/O ports (CMOS output)
General-purpose I/O ports (with pull-up resistance)
General-purpose I/O ports (N-ch open drain output)
UART
1 channel, start-stop synchronized
8/16-bit PPG
8-bit
× 6 channels/16-bit × 3 channels
8/16-bit up/down
counter/timer
Event input pins : 6, 8-bit up/down counters : 2
8-bit reload/compare registers : 2
16-bit
I/O
timers
16-bit free run
timer
Number of channels : 1
Overflow interrupt
Output
compare
(OCU)
Number of channels : 6
Pin input factor: A match signal of compare register
Input capture
(ICU)
Number of channels : 2
Rewriting a register value upon a pin input (rising, falling, or both edges)
DTP/external interrupt
circuit
Number of external interrupt pin channels: 8 (edge or level detection)
Extended I/O serial
interface
Embedded 2 channels
I2C interface*2
1 channel
µPG
1 channel
PWC
3 channels
Timebase timer
18-bit counter
Interrupt cycles : 1.0 ms, 4.1 ms, 16.4 ms, 131.1 ms (at 4 MHz base oscillator)
A/D converter
Conversion resolution : 8/10-bit, switchable
One-shot conversion mode (converts selected channel 1 time only)
Scan conversion mode (conversion of multiple consecutive channels,
programmable up to 8 channels)
Continuous conversion mode (repeated conversion of selected channels)
Stop conversion mode (conversion of selected channels with repeated pause)
Part number
Item



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com