Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 32 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 32 Page - fujitsu semiconductor

Back Button MB90F482 Datasheet HTML 28Page - fujitsu semiconductor MB90F482 Datasheet HTML 29Page - fujitsu semiconductor MB90F482 Datasheet HTML 30Page - fujitsu semiconductor MB90F482 Datasheet HTML 31Page - fujitsu semiconductor MB90F482 Datasheet HTML 32Page - fujitsu semiconductor MB90F482 Datasheet HTML 33Page - fujitsu semiconductor MB90F482 Datasheet HTML 34Page - fujitsu semiconductor MB90F482 Datasheet HTML 35Page - fujitsu semiconductor MB90F482 Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 120 page
background image
MB90480/485 Series
32
(Continued)
× : Interrupt request flag is not cleared by the interrupt clear signal.
: Interrupt request flag is cleared by the interrupt clear signal.
: Interrupt request flag is cleared by the interrupt clear signal (stop request present) .
*1 : The Flash write/erase, timebase timer, and watch timer cannot be used at the same time.
*2 : When the 16-bit reload timer underflow interrupt is changed from enable (TMCSR : INTE
= 1) to disable
(TMCSR : INTE
= 0) , disable the interrupt in the interrupt control register (ICR12 : IL2 to 0 : 111B) , then set
the INTE bit to 0.
Note : If there are two interrupt sources for the same interrupt number, the resource will clear both interrupt request
flags at the EI2OS/
µDMAC interrupt clear signal. Therefore if either of the two sources uses the EI2OS/
µDMAC function, the other interrupt function cannot be used. The interrupt request enable bit for the corre-
sponding resource should be set to “0” and interrupt requests from that resource should be handled by
software polling.
Interrupt source
Clear of
EI2OS
µDMAC
channel
number
Interrupt vector
Interrupt control register
Number
Address
Number
Address
I2C interface
(MB90485 series only)
×
×
#39
FFFF60H
ICR14
0000BEH
A/D conversion
15
#40
FFFF5CH
Flash write/erase,
timebase timer, watch timer *1
×
×
#41
FFFF58H
ICR15
0000BFH
Delay interrupt generator
module
×
×
#42
FFFF54H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com