Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 87 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 87 Page - fujitsu semiconductor

Back Button MB90F482 Datasheet HTML 83Page - fujitsu semiconductor MB90F482 Datasheet HTML 84Page - fujitsu semiconductor MB90F482 Datasheet HTML 85Page - fujitsu semiconductor MB90F482 Datasheet HTML 86Page - fujitsu semiconductor MB90F482 Datasheet HTML 87Page - fujitsu semiconductor MB90F482 Datasheet HTML 88Page - fujitsu semiconductor MB90F482 Datasheet HTML 89Page - fujitsu semiconductor MB90F482 Datasheet HTML 90Page - fujitsu semiconductor MB90F482 Datasheet HTML 91Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 120 page
background image
MB90480/485 Series
87
3.
DC Characteristics
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
Notes :
• MB90485 series only
• P40 to P47 and P70 to P77 are N-ch open drain pins with control, which are usually used as CMOS.
• P76 and P77 are open drain pins without P-ch.
• For use as a single 3 V power supply products, set VCC = VCC3 = VCC5.
• When the device is used with dual power supplies, P20 to P27, P30 to P37, P40 to P47 and
P70 to P77 serve as 5 V pins while the other pins serve as 3 V I/O pins.
Parameter
Symbol Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
“H” level
output voltage
VOH
All output
pins
VCC
= 2.7 V,
IOH
= −1.6 mA
VCC3
− 0.3
⎯⎯
V
VCC
= 4.5 V,
IOH
= −4.0 mA
VCC5
− 0.5
⎯⎯
V
At using 5 V
power supply
“L” level
output voltage
VOL
All output
pins
VCC
= 2.7 V,
IOL
= 2.0 mA
⎯⎯
0.4
V
VCC
= 4.5 V,
IOH
= 4.0 mA
⎯⎯
0.4
V
At using 5 V
power supply
Input leakage
current
IIL
All input
pins
VCC
= 3.3 V,
VSS
< VI < VCC
−10
⎯+10
µA
Pull-up
resistance
RPULL
⎯
VCC
= 3.0 V,
at TA
= +25 °C
20
53
200
k
Ω
Open drain
output current
Ileak
P40 to P47,
P70 to P77
⎯⎯
0.1
10
µA
Power supply
current
ICC
⎯
At VCC
= 3.3 V,
internal 25 MHz operation,
normal operation
⎯
45
60
mA
At VCC
= 3.3 V,
internal 25 MHz operation,
Flash programming
⎯
55
70
mA
ICCS
⎯
At VCC
= 3.3 V,
internal 25 MHz operation,
sleep mode
⎯
17
35
mA
ICCL
⎯
At VCC
= 3.3 V,
external 32 kHz,
internal 8 kHz operation,
sub clock operation
(TA
= +25 °C)
⎯
15
140
µA
ICCT
⎯
At VCC
= 3.3 V,
external 32 kHz,
internal 8 kHz operation,
watch mode (TA
= +25 °C)
⎯
1.8
40
µA
ICCH
⎯
TA
= +25 °C, stop mode,
At VCC
= 3.3 V
⎯
0.8
40
µA
Input
capacitance
CIN
Other than
AVCC, AVSS,
VCC, VSS
⎯⎯
515
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com