Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 57 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 57 Page - fujitsu semiconductor

Back Button MB90F482 Datasheet HTML 53Page - fujitsu semiconductor MB90F482 Datasheet HTML 54Page - fujitsu semiconductor MB90F482 Datasheet HTML 55Page - fujitsu semiconductor MB90F482 Datasheet HTML 56Page - fujitsu semiconductor MB90F482 Datasheet HTML 57Page - fujitsu semiconductor MB90F482 Datasheet HTML 58Page - fujitsu semiconductor MB90F482 Datasheet HTML 59Page - fujitsu semiconductor MB90F482 Datasheet HTML 60Page - fujitsu semiconductor MB90F482 Datasheet HTML 61Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 120 page
background image
MB90480/485 Series
57
9.
I2C Interface (MB90485 series only)
The I2C interface is a serial I/O port supporting the Inter IC BUS. Serves as a master/slave device on the I2C bus.
The I2C interface has the following functions.
• Master/slave transmit/receive
• Arbitration function
• Clock synchronization
• Slave address/general call address detection function
• Forwarding direction detection function
• Start condition repeated generation and detection
• Bus error detection function
(1) Register List
Bus Status Register (IBSR)
Bus control register (IBCR)
Clock control register (ICCR)
Address register (IADR)
Data register (IDAR)
Initial value
000088H
00000000B
Initial value
000089H
00000000B
Initial value
00008AH
--0XXXXXB
Initial value
00008BH
-XXXXXXXB
Initial value
00008CH
XXXXXXXXB
76
5
4
3
2
1
0
BB
RSC
AL
LRB TRX
AAS
GCA
FBT
RR
R
R
R
R
R
R
15
14
13
12
11
10
9
8
BER BEIE SCC
MSS ACK GCAA INTE
INT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
EN
CS4 CS3
CS2
CS1
CS0
R/W
R/W
R/W
R/W
R/W
R/W
15
14
13
12
11
10
9
8
A6
A5
A4
A3
A2
A1
A0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com