Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 84 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 84 Page - fujitsu semiconductor

Back Button MB90F482 Datasheet HTML 80Page - fujitsu semiconductor MB90F482 Datasheet HTML 81Page - fujitsu semiconductor MB90F482 Datasheet HTML 82Page - fujitsu semiconductor MB90F482 Datasheet HTML 83Page - fujitsu semiconductor MB90F482 Datasheet HTML 84Page - fujitsu semiconductor MB90F482 Datasheet HTML 85Page - fujitsu semiconductor MB90F482 Datasheet HTML 86Page - fujitsu semiconductor MB90F482 Datasheet HTML 87Page - fujitsu semiconductor MB90F482 Datasheet HTML 88Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 120 page
background image
MB90480/485 Series
84
■ ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
*1 : This parameter is based on VSS
= AVSS = 0.0 V.
*2 : AVCC and AVRH must not exceed VCC. Also, AVRH must not exceed AVCC.
*3 : VI and V0 must not exceed VCC
+ 0.3 V. However, if the maximum current to/from and input is limited by some
means with external components, the ICLAMP rating supersedes the VI rating.
*4 : Maximum output current is defined as the peak value for one of the corresponding pins.
*5 : Average output current is defined as the average current flow in a 100 ms interval at one of the corresponding
pins.
*6 : Average total output current is defined as the average current flow in a 100 ms interval at all corresponding pins.
*7 :
• Applicable to pins : P00 to P07, P10 to P17, P20 to P27, P30 to P37, P40 to P47, P50 to P57, P60 to P67,
P70 to P77, P80 to P87, P90 to P97, PA0 to PA3
• Use within recommended operating conditions.
• Use at DC voltage (current) .
• The +B signal should always be applied with a limiting resistance placed between the +B signal and the
microcontroller.
• The value of the limiting resistance should be set so that when the +B signal is applied the input current to
the microcontroller pin does not exceed rated values, either instantaneously or for prolonged periods.
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1
VCC3VSS
− 0.3
VSS
+ 4.0
V
VCC5VSS
− 0.3
VSS
+ 7.0
V
AVCC
VSS
− 0.3
VSS
+ 4.0
V
*2
AVRH
VSS
− 0.3
VSS
+ 4.0
V
*2
Input voltage*1
VI
VSS
− 0.3
VSS
+ 4.0
V
*3
VSS
− 0.3
VSS
+ 7.0
V
*3, *8, *9
Output voltage*1
VO
VSS
− 0.3
VSS
+ 4.0
V
*3
VSS
− 0.3
VSS
+ 7.0
V
*3, *8, *9
Maximum clamp current
ICLAMP
−2.0
+2.0
mA
*7
Total maximum clamp current
Σ⏐ICLAMP⏐⎯
20
mA
*7
“L” level maximum output current
IOL
⎯
10
mA
*4
“L” level average output current
IOLAV
⎯
3mA
*5
“L” level maximum total output current
ΣIOL
⎯
60
mA
“L” level total average output current
ΣIOLAV
⎯
30
mA
*6
“H” level maximum output current
IOH
⎯−10
mA
*4
“H” level average output current
IOHAV
⎯−3mA
*5
“H” level maximum total output current
ΣIOH
⎯−60
mA
“H” level total average output current
ΣIOHAV
⎯−30
mA
*6
Power consumption
PD
⎯
320
mW
Operating temperature
TA
−40
+85
°C
Storage temperature
Tstg
−55
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com