Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 59 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 59 Page - fujitsu semiconductor

Back Button MB90F482 Datasheet HTML 55Page - fujitsu semiconductor MB90F482 Datasheet HTML 56Page - fujitsu semiconductor MB90F482 Datasheet HTML 57Page - fujitsu semiconductor MB90F482 Datasheet HTML 58Page - fujitsu semiconductor MB90F482 Datasheet HTML 59Page - fujitsu semiconductor MB90F482 Datasheet HTML 60Page - fujitsu semiconductor MB90F482 Datasheet HTML 61Page - fujitsu semiconductor MB90F482 Datasheet HTML 62Page - fujitsu semiconductor MB90F482 Datasheet HTML 63Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 120 page
background image
MB90480/485 Series
59
10. 16-bit Reload Timer
The 16-bit reload timer provides a choice of functions, including internal clock signals that count down in
synchronization with three types of internal clock, as well as an event count mode that counts down at specified
edge detection events in pulse signals input from external pins. This timer defines an underflow as a change in
count value from 0000H to FFFFH. Thus an underflow will occur when counting from the value “reload register
setting value
+ 1”. The choice of counting operations includes reload mode, in which the count setting values is
reloaded and counting continues following an underflow event, and one-shot mode, in which an underflow event
causes counting to stop. An interrupt can be generated at counter underflow, and the timer is DTC compatible.
(1) Register List
• TMCSR (Timer control status register)
Timer control status register (high) (TMCSR)
Timer control status register (low) (TMCSR)
• 16-bit timer register/16-bit reload register
TMR/TMRLR (high)
TMR/TMRLR (low)
0000CBH
Read/Write
Initial value
0000CAH
Read/Write
Initial value
0000CDH
Read/Write
Initial value
0000CCH
Read/Write
Initial value
⎯
⎯
⎯
⎯
⎯
⎯
R/W
0
R/W
0
R/W
0
R/W
0
15
14
13
12
11
10
9
8
⎯
⎯
⎯
⎯⎯
⎯
CSL1
CSL0
MOD2
MOD1
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
76
5
4
3
2
1
0
OUTE
R/W
0
MOD0
OUTL
RELD
INTE
UF
CNTE
TRG
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
15
14
13
12
11
10
9
8
D14
R/W
X
D15
D13
D12
D11
D10
D09
D08
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
76
5
4
3
2
1
0
D06
R/W
X
D07
D05
D04
D03
D02
D01
D00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com