Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 92 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 92 Page - fujitsu semiconductor

Back Button MB90F482 Datasheet HTML 88Page - fujitsu semiconductor MB90F482 Datasheet HTML 89Page - fujitsu semiconductor MB90F482 Datasheet HTML 90Page - fujitsu semiconductor MB90F482 Datasheet HTML 91Page - fujitsu semiconductor MB90F482 Datasheet HTML 92Page - fujitsu semiconductor MB90F482 Datasheet HTML 93Page - fujitsu semiconductor MB90F482 Datasheet HTML 94Page - fujitsu semiconductor MB90F482 Datasheet HTML 95Page - fujitsu semiconductor MB90F482 Datasheet HTML 96Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 120 page
background image
MB90480/485 Series
92
(2) Clock Output Timing
(VSS
= 0.0 V, TA = −40 °C to +85 °C)
* : tCP is internal operating clock cycle time. Refer to “ (1) Clock Timing”.
Parameter
Symbol Pin name
Conditions
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
CLK
⎯
tCP*
⎯
ns
CLK
↑→CLK↓
tCHCL
CLK
VCC
= 3.0 V to 3.6 V tCP* / 2 − 15 tCP* / 2 + 15
ns
at fCP
= 25 MHz
VCC
= 2.7 V to 3.3 V tCP* / 2 − 20 tCP* / 2 + 20
ns
at fCP
= 16 MHz
VCC
= 2.7 V to 3.3 V tCP* / 2 − 64 tCP* / 2 + 64
ns
at fCP
= 5 MHz
CLK
tCYC
2.4 V
2.4 V
0.8 V
tCHCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com