Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 94 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 94 Page - fujitsu semiconductor

Back Button MB90F482 Datasheet HTML 90Page - fujitsu semiconductor MB90F482 Datasheet HTML 91Page - fujitsu semiconductor MB90F482 Datasheet HTML 92Page - fujitsu semiconductor MB90F482 Datasheet HTML 93Page - fujitsu semiconductor MB90F482 Datasheet HTML 94Page - fujitsu semiconductor MB90F482 Datasheet HTML 95Page - fujitsu semiconductor MB90F482 Datasheet HTML 96Page - fujitsu semiconductor MB90F482 Datasheet HTML 97Page - fujitsu semiconductor MB90F482 Datasheet HTML 98Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 120 page
background image
MB90480/485 Series
94
(4) Power-on Reset Standards
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
* : Power rise time requires VCC
< 0.2 V.
Notes:
• The above standards are for the application of a power-on reset.
• Within the device, the power-on reset should be applied by switching the power supply off and on again.
Note : Rapid fluctuations in power supply voltage may trigger a power-on reset in some cases. As shown below,
when changing supply voltage during operation, it is recommended that voltage changes be suppressed
and a smooth restart be applied.
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Power rise time
tR
VCC
⎯
0.05
30
ms
*
Power down time
tOFF
VCC
1
⎯
ms
In repeated operation
VCC
tR
tOFF
2.7 V
0.2 V
0.2 V
0.2 V
VCC
VSS
The slope of voltage increase
should be kept within 50 mV/ms.
RAM data maintenance
Main power supply voltage
Sub power supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com