Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 29 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 29 Page - fujitsu semiconductor

Back Button MB90F482 Datasheet HTML 25Page - fujitsu semiconductor MB90F482 Datasheet HTML 26Page - fujitsu semiconductor MB90F482 Datasheet HTML 27Page - fujitsu semiconductor MB90F482 Datasheet HTML 28Page - fujitsu semiconductor MB90F482 Datasheet HTML 29Page - fujitsu semiconductor MB90F482 Datasheet HTML 30Page - fujitsu semiconductor MB90F482 Datasheet HTML 31Page - fujitsu semiconductor MB90F482 Datasheet HTML 32Page - fujitsu semiconductor MB90F482 Datasheet HTML 33Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 120 page
background image
MB90480/485 Series
29
(Continued)
* : These registers are only for MB90485 series.
They are used as the reserved area on MB90480 series.
(Continued)
Address
Register name
Abbreviated
register
name
Read/
Write
Resource name
Initial value
B9H
Interrupt control register 09
ICR09
W, R/W
Interrupt controller
XXXX0111B
BAH
Interrupt control register 10
ICR10
W, R/W
XXXX0111B
BBH
Interrupt control register 11
ICR11
W, R/W
XXXX0111B
BCH
Interrupt control register 12
ICR12
W, R/W
XXXX0111B
BDH
Interrupt control register 13
ICR13
W, R/W
XXXX0111B
BEH
Interrupt control register 14
ICR14
W, R/W
XXXX0111B
BFH
Interrupt control register 15
ICR15
W, R/W
XXXX0111B
C0H
Chip select area mask register 0
CMR0
R/W
Chip select
function
00001111B
C1H
Chip select area register 0
CAR0
R/W
11111111B
C2H
Chip select area mask register 1
CMR1
R/W
00001111B
C3H
Chip select area register 1
CAR1
R/W
11111111B
C4H
Chip select area mask register 2
CMR2
R/W
00001111B
C5H
Chip select area register 2
CAR2
R/W
11111111B
C6H
Chip select area mask register 3
CMR3
R/W
00001111B
C7H
Chip select area register 3
CAR3
R/W
11111111B
C8H
Chip select control register
CSCR
R/W
----000*B
C9H
Chip select active level register
CALR
R/W
----0000B
CAH
Timer control status register
TMCSR
R/W
16-bit reload timer
00000000B
CBH
----0000B
CCH
16-bit timer register/
16-bit reload register
TMR/TMRLR
R/W
XXXXXXXXB
CDH
CEH
(Reserved area)
CFH
PLL output control register
PLLOS
W
Low-power
consumption
------X0B
D0H to FFH
(External area)
100H to #H
(RAM area)
1FF0H
Program address detection register 0
(Low order address)
PADR0
R/W
Address match
detection function
XXXXXXXXB
1FF1H
Program address detection register 0
(Middle order address)
1FF2H
Program address detection register 0
(High order address)
1FF3H
Program address detection register 1
(Low order address)
PADR1
R/W
Address match
detection function
XXXXXXXXB
1FF4H
Program address detection register 1
(Middle order address)
1FF5H
Program address detection register 1
(High order address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com