Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB90F482 Datasheet HTML 9Page - fujitsu semiconductor MB90F482 Datasheet HTML 10Page - fujitsu semiconductor MB90F482 Datasheet HTML 11Page - fujitsu semiconductor MB90F482 Datasheet HTML 12Page - fujitsu semiconductor MB90F482 Datasheet HTML 13Page - fujitsu semiconductor MB90F482 Datasheet HTML 14Page - fujitsu semiconductor MB90F482 Datasheet HTML 15Page - fujitsu semiconductor MB90F482 Datasheet HTML 16Page - fujitsu semiconductor MB90F482 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
MB90480/485 Series
13
(Continued)
*1 : QFP : FPT-100P-M06
*2 : LQFP : FPT-100P-M05
*3 : For the I/O circuit type, refer to “
■ I/O CIRCUIT TYPES”.
*4 : As for MB90V485B, input pins become CMOS input.
Pin No.
Pin name
I/O
circuit
type*3
Function
QFP*1
LQFP*2
63
61
P95
D
(CMOS)
This is a general purpose I/O port.
PPG5
PPG timer output pin.
64
62
P96
E
(CMOS/H)
This is a general purpose I/O port.
IN0
Input capture ch.0 trigger input pin.
65
63
P97
E
(CMOS/H)
This is a general purpose I/O port.
IN1
Input capture ch.1 trigger input pin.
66 to 69 64 to 67
PA0 to PA3
D
(CMOS)
These are general purpose I/O ports.
OUT0 to OUT3
Output compare event output pins.
35
33
AVCC
⎯
A/D converter analog power supply input pin.
36
34
AVRH
⎯
A/D converter reference voltage input pin.
37
35
AVSS
⎯
A/D converter GND pin.
49 to 51 47 to 49
MD0 to MD2
J
(CMOS/H)
Operating mode selection input pins.
84
82
VCC3
⎯
3.3 V
± 0.3 V power supply pins (VCC3) .
23
21
VCC5
⎯
MB90480
series
3.3 V
± 0.3 V power supply pin.
Usually, use VCC
= VCC3 = VCC5 as a 3 V power supply.
MB90485
series
3 V/5 V power supply pin.
5 V power supply pin when P20 to P27, P30 to P37,
P40 to P47, P70 to P77 are used as 5 V I/F pins.
Usually, use VCC
= VCC3 = VCC5 as a 3 V power supply
(when the 3 V power supply is used alone) .
11, 42,
81
9, 40,
79
VSS
⎯
GND pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com