Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button MB90F482 Datasheet HTML 14Page - fujitsu semiconductor MB90F482 Datasheet HTML 15Page - fujitsu semiconductor MB90F482 Datasheet HTML 16Page - fujitsu semiconductor MB90F482 Datasheet HTML 17Page - fujitsu semiconductor MB90F482 Datasheet HTML 18Page - fujitsu semiconductor MB90F482 Datasheet HTML 19Page - fujitsu semiconductor MB90F482 Datasheet HTML 20Page - fujitsu semiconductor MB90F482 Datasheet HTML 21Page - fujitsu semiconductor MB90F482 Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 120 page
background image
MB90480/485 Series
18
■ BLOCK DIAGRAM
RAM
ROM
µDMAC
8
2
X0, X1, RST
X0A, X1A
MD2, MD1, MD0
SIN0
SOT0
SCK0
SIN1, SIN2
SOT1, SOT 2
SCK1, SCK2
AVCC
AVRH
AVSS
ADTG
AN0
to AN7
AIN0, AIN1
BIN0, BIN1
ZIN0, ZIN1
PPG0, PPG1
PPG2, PPG3
PPG4, PPG5
88
8
8
8
8
8
8
8
P00
P07
P10
P17
P20
P27
P30
P37
P40
P47
P50
P57
P60
P67
P70
P77
P80
P87
8
P90
P97
4
PA0
PA3
IN0, IN1
OUT0, OUT1,
OUT2, OUT3,
OUT4, OUT5
CS0, CS1,
CS2, CS3
TIN0
TOT0
IRQ0
to IRQ7
8
SCL
SDA
EXTC
MT00
MT01
PWC0
PWC1
PWC2
Clock control
Circuit
CPU
F2MC16LX series core
Interrupt controller
8/16-bit PPG
8/16-bit
up/down
counter/timer
µPG
Chip select
Input/output timer
16-bit input capture
×
2 channels
16-bit output compare
× 6 channels
16-bit free-run timer
16-bit reload timer
I2C interface
External interrupt
UART
Extended I/O serial
interface
× 2 channels
A/D converter
( 10-bit )
PWC
× 3 channels
I/O port
to
to
to
to
to
to
to
to
to
to
to
Communication
prescaler
: Only MB90485 series
P00 to P07 (8 pins) : with an input pull-up resistance setting register.
P10 to P17 (8 pins) : with an input pull-up resistance setting register.
P40 to P47 (8 pins) : with an open drain setting register.
P70 to P77 (8 pins) : with an open drain setting register.
MB90485 series only
• I2C pin P77 and P76 are N-ch open drain pin (without P-ch) . However, MB90V485B uses
the N-ch open drain pin (with P-ch) .
• P20 to P27, P30 to P37, P40 to P47 and P70 to P77 are also used as 3 V/5 V I/F pin.
• As for MB90V485B, input pins (PWC0, PWC1, PWC2/EXTC/SCL and SDA pins) for PWC/
µPG/I2C become CMOS input.
Note : In the above diagram, I/O ports share internal function blocks and pins. However, when a
set of pins is used with an internal module, it cannot also be used as an I/O port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com