Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB90F482 Datasheet HTML 1Page - fujitsu semiconductor MB90F482 Datasheet HTML 2Page - fujitsu semiconductor MB90F482 Datasheet HTML 3Page - fujitsu semiconductor MB90F482 Datasheet HTML 4Page - fujitsu semiconductor MB90F482 Datasheet HTML 5Page - fujitsu semiconductor MB90F482 Datasheet HTML 6Page - fujitsu semiconductor MB90F482 Datasheet HTML 7Page - fujitsu semiconductor MB90F482 Datasheet HTML 8Page - fujitsu semiconductor MB90F482 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
DS07-13722-8E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2002-2006 FUJITSU LIMITED All rights reserved
“Check Sheet” is seen at the following support page
URL : http://www.fujitsu.com/global/services/microelectronics/product/micom/support/index.html
“Check Sheet” lists the minimal requirement items to be checked to prevent problems beforehand in system
development.
Be sure to refer to the “Check Sheet” for the latest cautions on development.
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90480/485 Series
MB90F481/F482/487B/488B/483C
MB90F488B/F489B/V480/V485B
■ DESCRIPTION
The MB90480/485 series is a 16-bit general-purpose FUJITSU microcontroller designed for process control in
consumer devices and other applications requiring high-speed real-time processing.
The F2MC-16LX CPU core instruction set retains the AT architecture of the F2MC*1 family, with additional instruc-
tions for high-level languages, expanded addressing mode, enhanced multiply-drive instructions, and complete
bit processing. In addition, a 32-bit accumulator is provided to enable long-word processing.
The MB90480/485 series features embedded peripheral resources including 8/16-bit PPG, expanded I/O serial
interface, UART, 10-bit A/D converter, 16-bit I/O timer, 8/16-bit up/down-counter, PWC timer, I2C*2 interface, DTP/
external interrupt, chip select, and 16-bit reload timer.
*1 : F2MC is the abbreviation for FUJITSU Flexible Microcontroller.
*2 : Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use, these
components in an I2C system provided that the system conforms to the I2C standard a Specification as defined
by Philips.
■ FEATURES
•Clock
Minimum instruction execution time: 40.0 ns/6.25 MHz base frequency multiplied
× 4 (25 MHz internal operating
frequency/3.3 V
± 0.3 V)
62.5 ns/4 MHz base frequency multiplied
× 4 (16 MHz internal operating
frequency/3.0 V
± 0.3 V) PLL clock multiplier
• Maximum memory space: 16 Mbytes
(Continued)


Similar Part No. - MB90F482

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90F482 FUJITSU-MB90F482 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90F482B FUJITSU-MB90F482B Datasheet
629Kb / 124P
16-bit Microcontroller
MB90F482B FUJITSU-MB90F482B Datasheet
629Kb / 124P
16-bit Microcontroller
MB90F482BPF FUJITSU-MB90F482BPF Datasheet
629Kb / 124P
16-bit Microcontroller
MB90F482BPF FUJITSU-MB90F482BPF Datasheet
629Kb / 124P
16-bit Microcontroller
More results

Similar Description - MB90F482

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
16-bit Proprietary Microcontroller
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
16-bit Proprietary Microcontroller
MB90F378 FUJITSU-MB90F378 Datasheet
480Kb / 65P
16-BIT PROPRIETARY MICROCONTROLLER
MB90980 FUJITSU-MB90980 Datasheet
583Kb / 48P
16-bit Proprietary Microcontroller
MB90880 FUJITSU-MB90880 Datasheet
1Mb / 75P
16-Bit Proprietary Microcontroller
MB90860E FUJITSU-MB90860E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com