Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button MB90F482 Datasheet HTML 23Page - fujitsu semiconductor MB90F482 Datasheet HTML 24Page - fujitsu semiconductor MB90F482 Datasheet HTML 25Page - fujitsu semiconductor MB90F482 Datasheet HTML 26Page - fujitsu semiconductor MB90F482 Datasheet HTML 27Page - fujitsu semiconductor MB90F482 Datasheet HTML 28Page - fujitsu semiconductor MB90F482 Datasheet HTML 29Page - fujitsu semiconductor MB90F482 Datasheet HTML 30Page - fujitsu semiconductor MB90F482 Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 120 page
background image
MB90480/485 Series
27
(Continued)
Address
Register name
Abbreviated
register
name
Read/
Write
Resource name
Initial value
62H
Timer counter data register lower digits
TCDT
R/W
16-bit input/output
timer free run timer
00000000B
63H
Timer counter data register upper digits
TCDT
R/W
00000000B
64H
Timer control status register
TCCS
R/W
00000000B
65H
Timer control status register
TCCS
R/W
0--00000B
66H
Compare clear register lower digits
CPCLR
R/W
XXXXXXXXB
67H
Compare clear register upper digits
XXXXXXXXB
68H
Up/down count register (ch.0)
UDCR0
R
8/16-bit up/down
00000000B
69H
Up/down count register (ch.1)
UDCR1
R
00000000B
6AH
Reload/compare register (ch.0)
RCR0
W
00000000B
6BH
Reload/compare register (ch.1)
RCR1
W
00000000B
6CH
Counter control register (ch.0)
lower digits
CCRL0
W, R/W
0X00X000B
6DH
Counter control register (ch.0)
upper digits
CCRH0
R/W
00000000B
6EH
(Reserved area)
6FH
ROM mirror function select register
ROMM
R/W
ROM mirroring
function
------+1B
70H
Counter control register (ch.1)
lower digits
CCRL1
W, R/W
8/16-bit up/down
0X00X000B
71H
Counter control register (ch.1)
upper digits
CCRH1
R/W
-0000000B
72H
Counter status register (ch.0)
CSR0
R, R/W
00000000B
73H
(Reserved area)
74H
Counter status register (ch.1)
CSR1
R, R/W
8/16-bit UDC
00000000B
75H
(Reserved area)
76H*
PWC control/status register
PWCSR0
R, R/W
PWC (ch.0)
00000000B
77H*
0000000XB
78H*
PWC data buffer register
PWCR0
R/W
00000000B
79H*
00000000B
7AH*
PWC control/status register
PWCSR1
R, R/W
PWC (ch.1)
00000000B
7BH*
0000000XB
7CH*
PWC data buffer register
PWCR1
R/W
00000000B
7DH*
00000000B
7EH*
PWC control/status register
PWCSR2
R, R/W
PWC (ch.2)
00000000B
7FH*
0000000XB
80H*
PWC data buffer register
PWCR2
R/W
00000000B
81H*
00000000B
82H*
Dividing ratio control register
DIVR0
R/W
PWC (ch.0)
------00B
83H
(Reserved area)
84H*
Dividing ratio control register
DIVR1
R/W
PWC (ch.1)
------00B
85H
(Reserved area)
86H*
Dividing ratio control register
DIVR2
R/W
PWC (ch.2)
------00B
87H
(Reserved area)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com