Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 750 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 750 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 746Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 747Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 748Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 749Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 750Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 751Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 752Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 753Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 754Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 750 / 1386 page
background image
SCC HDLC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
22-20
Freescale Semiconductor
Figure 22-11. Typical HDLC Bus Single-Master Configuration
22.14.1 HDLC Bus Features
The main features of the HDLC bus are as follows:
•
Superset of the HDLC controller features
•
Automatic HDLC bus access
•
Automatic retransmission in case of collision
•
May be used with the NMSI or a TDM bus
•
Delayed RTS mode
22.14.2 Accessing the HDLC Bus
The HDLC bus protocol ensures orderly bus control when multiple transmitters attempt simultaneous
access. The transmitter sending a zero bit at the time of collision completes the transmission. If a station
sends out an opening flag (0x7E) while another station is already sending, the collision is always detected
within the first byte, because the transmission in progress is using zero bit insertion to prevent flag
imitation.
While in the active condition (ready to transmit), the HDLC bus controller monitors the bus using CTS. It
counts the one bits on CTS. When eight consecutive ones are counted, the HDLC bus controller starts
transmitting on the line; if a zero is detected, the internal counter is cleared. During transmission, data is
continuously compared with the external bus using CTS. CTS is sampled halfway through the bit time
using the rising edge of the Tx clock. If the transmitted bit matches the received CTS bus sample,
transmission continues. However, if the received CTS sample is 0 and the transmitted bit is 1, transmission
HDLC
Controller
RXD
TXD
A
RCLK
HDLC Bus
Controller
RXD
CTS
TXD
B
HDLC Bus
Controller
RXD
CTS
TXD
C
Clock1
HDLC Bus LAN
+ 3.3 V
R
Slave
Slave
Master
NOTES:
1. Transceivers may be used to extend the LAN size.
2. The TXD pins of slave devices should be configured to open-drain in the port C parallel I/O port.
3. Clock1 is the master RCLK and the slave TCLK.
Clock2
TCLK
RCLK
TCLK
RCLK
TCLK
4. Clock2 is the master TCLK and the slave RCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com