Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 904 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 904 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 900Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 901Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 902Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 903Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 904Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 905Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 906Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 907Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 908Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 904 / 1386 page
background image
Multi-Channel Controllers (MCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
29-14
Freescale Semiconductor
29.3.2.4
Internal Receiver State (RSTATE)—Transparent Mode
In transparent mode, RSTATE functions the same as in HDLC mode. For a description, refer to Section
29.3.1.4.
29.3.3
MCC Parameters for AAL1 CES Usage
When using AAL1 CES, the structured and unstructured data are transferred between the ATM and MCC
automatically without CPU intervention. Refer to Chapter 32, “ATM AAL1 Circuit Emulation Service.”
The following subsections describe the additional parameters required for AAL1 CES.
29.3.3.1
Channel-Specific Parameters—AAL1 CES
The following are changes that occur in the channel-specific parameter RAM when using AAL1 CES.
Table 29-8 describes the additional global MCC parameters specific to CES operation.
10
TS
Receive time stamp. If this bit is set a 4 byte time stamp is written at the beginning of every data
buffer that the BD points to.If this bit is set the data buffer must start from an address equal to 8*N-4
(N is any number larger than 0).
11–12
RQN
Receive queue number. Specifies the receive interrupt queue number.
00 Queue number 0.
01 Queue number 1.
10 Queue number 2.
11 Queue number 3.
13–15
—
Reserved, must be cleared.
Table 29-8. CES-Specific Global MCC Parameters
Offset1
1
The offset to the CES-specific global MCC parameter RAM for MCC1 is 0x8780. For MCC2, it is 0x8880.
Name
Width
Description
0x00
CATB
Hword
CES adaptive threshold tables base address. Points to the dual-port RAM area
containing the CES slip control thresholds and the adaptive counter See Section 32.5,
“ATM-to-TDM Adaptive Slip Control.
” Should be 8-byte aligned (8 octets for each
AAL1-MCC channel). User-defined and should match the CATB value programmed in
the AAL-1 parameter RAM; see Section 32.8.1, “AAL1 CES Parameter RAM.”
0x02
—
Hword
Reserved, should be cleared during initialization.
0x04,
0x08,
0x0C,
0x10
UTAa,
UTAb,
UTAc,
UTAd,
Hword
Underrun template address for TDM
x. Points to the dual-port RAM area containing the
user-defined template to be sent during an MCC transmitter pre-underrun condition.
0x06,
0x0A,
0x0E,
0x12
UTSa,
UTSb,
UTSc,
UTSd,
Hword
Underrun template size for TDM
x. This is the size in bytes of the underrun template
buffer.
Table 29-7. CHAMR Field Descriptions—Transparent Mode (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com