| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 911 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 911 Page - Freescale Semiconductor, Inc |
|
911 / 1386 page ![]() Multi-Channel Controllers (MCCs) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 29-21 The interrupt mask provides bits for enabling/disabling each event defined in the interrupt circular table entry. Other bits provide various channel configuration options. ECHAMR fields are described in Table 29-11. 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Field MODE0 — OCT SUERM FISU — UN TXB — AERM NID IDL MRF RXF BSY RXB Reset No reset value R/W R/W Offset 0x18 16 17 18 19 20 25 26 27 28 29 31 Field MODE1 POL 1 IDLM — TS RQN NOF Reset No reset value R/W R/W Offset 0x1A Figure 29-9. Extended Channel Mode Register (ECHAMR) Table 29-11. ECHAMR Fields Description Bits Name Description 0,16 MODE0 MODE1 00 Transparent mode 01 HDLC mode 10 Reserved 11 SS7 mode (This is the required bit setting for an MCC to perform SS7.) 1, 5, 8 0 Reserved, should be cleared during initialization. 2–4 6–7 9–15 INTMSK Interrupt mask bits. These bits are used for enabling/disabling the reporting of each possible event defined in the interrupt circular table entry. See Section 29.8.1.1, “Interrupt Circular Table Entry.” 0 Disabled 1 Enable 17 POL Enable polling. POL enables the transmitter to poll the TxBDs. 0 Polling is disabled (The CPM does not access the external bus to check the R bit in the TxBD). 1 Polling is enabled. POL is used to optimize the use of the external bus. Software should always set POL at the beginning of a transmit sequence of one or more frames. The CP clears POL when no more buffers are ready in the transmit queue, i.e. when it finds a BD with R = 0 (for example, at the end of a frame or at the end of a multi-frame transmission). To prevent a significant number of useless transactions on the external bus, software should always prepare the new BD, or multiple BDs, and set BD[R] before enabling polling. 18 1 Reserved, must be set. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |