Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84G762B Datasheet(PDF) 32 Page - King blillion Electronics Co.,Ltd.

Part # HE84G762B
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B Datasheet(HTML) 32 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 28Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 29Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 30Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 31Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 32Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 33Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 34Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 35Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 36Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
32
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Field
Value
Function
0
Normal display.
BLANK
1
LCD display blanked. The COM signals of LCD driver output inactive levels
(LVL4 and LVL1) while SEG signals output normal display patterns.
0
LCD driver disabled, LCD driver has no output signal and applied to VDD
LCDE
1
LCD driver Enabled.
Please note that LCD driver must be turned off before the system goes into "sleep" mode. That means
user must clear the bit 0 of LCDC to turn off LCD driving circuit before setting bit6 of OP1 to enter sleep
mode. Large current might happen if the procedure is not followed.
Please note that LCD driver uses slow clock as clock source. The LCD display will not display normally
if it works in Fast clock only mode because the LCD refresh action is too fast.
12. Oscillators
The MCU is equipped with two clock sources with a variety of selections on the types of oscillators to
choose from. The system designer can select oscillator types based on the cost target, timing accuracy
requirements etc. Crystal, Resonator or the RC oscillator can be used as fast clock source, components
should be placed as close to the pins as possible. The type of oscillator used is selected by mask option
MO_FXTAL.
MO_FXTAL
Fast clock type
0
RC Oscillator.
1
Crystal Oscillator.
FXI
FXI
FXO
FXO
Crystal Osc.
RC Osc.
The RC oscillator has a built-in capacitor. An external resistor is needed to connect from FXI to GND to
determine the oscillation frequency. The capacitance of internal RC oscillator is selected by mask option
MO_RCAP[2..0].
MO_RCAP[2:0]
Internal RC Cap. (pF)
000
2
001
4
010
7
011
14
100
20
101
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com