Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84G762B Datasheet(PDF) 33 Page - King blillion Electronics Co.,Ltd.

Part # HE84G762B
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B Datasheet(HTML) 33 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 29Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 30Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 31Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 32Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 33Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 34Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 35Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 36Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 37Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
33
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
110
50
111
60
The following table shows the combinations of R and C, and the resulting frequency. Please note that
oscillation frequency in the table only represents oscillation frequencies of certain samples. The actual
oscillation frequency may vary up to ±15% from lot to lot due to process parameter variations. User must
take this into consideration when using this chip in applications.
Ring Oscillator Frequency Table
40
20
14
7
4
2
30.20
0.8
1.5
2.0
3.0
4.0
5.0 MHz
19.92
1.2
2.2
2.8
4.4
5.6
7.0 MHz
9.98
2.3
4.0
5.1
7.5
9.4
11.4 MHz
Two types of oscillator, crystal and RC, can be used as slow clock selectable by mask option
MO_SXTAL. If used time keeping function or other applications that required the accurate timing, crystal
oscillator is recommended. If the timing accuracy is not important, then RC type oscillator can be used to
reduce cost.
MO_SXTAL
Slow clock type
0
R/C oscillator
1
Crystal oscillator
SXI
SXI
SXO
SXO
Crystal Osc.
RC Osc.
With two clock sources available, the system can switch among operation modes of Normal, Slow, Idle,
and Sleep modes by the setting of OP1 and OP2 registers as shown in tables below to suit the needs of
application such as high speed or low power, etc.
OP1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Field
DRDY
STOP
SLOW
INTE
T2E
T1E
Z
C
Mode
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
1
0
0
0
0
0
-
-
OP2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Field
IDLE
PNWK
TCWK
TBE
TBS[3..0]
Mode
R/W
R
R
R/W
W
W
W
W
C (pF)
R (KΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com