Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84G762B Datasheet(PDF) 53 Page - King blillion Electronics Co.,Ltd.

Part # HE84G762B
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B Datasheet(HTML) 53 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 49Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 50Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 51Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 52Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 53Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 54Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 55Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 56Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 57Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
53
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Address
NAME
Field
Mode
RESET
17H
PRT17
I/O port 17
R/W 1111 1111
18~1FH
Reserved
R/W xxxx xxxx
20H
EXTAS
Extension port address register
R/W xxxx xxxx
21H
EXTDA
Extension port data register
R/W xxxx xxxx
22~2AH
Reserved
R/W xxxx xxxx
2BH
GRAY16
32 to 16 Gray Level Palette Register
w
GRAY0
Gray level 0 mapping register
W
xxx0 0000
GRAY1
Gray level 1 mapping register
W
xxx0 0010
GRAY2
Gray level 2 mapping register
W
xxx0 0100
GRAY3
Gray level 3 mapping register
W
xxx0 0110
GRAY4
Gray level 4 mapping register
W
xxx0 1000
GRAY5
Gray level 5 mapping register
W
xxx0 1010
GRAY6
Gray level 6 mapping register
W
xxx0 1100
GRAY7
Gray level 7 mapping register
W
xxx0 1110
GRAY8
Gray level 8 mapping register
W
xxx1 0000
GRAY9
Gray level 9 mapping register
W
xxx1 0010
GRAYA
Gray level A mapping register
W
xxx1 0100
GRAYB
Gray level B mapping register
W
xxx1 0110
GRAYC
Gray level C mapping register
W
xxx1 1000
GRAYD
Gray level D mapping register
W
xxx1 1010
GRAYE
Gray level E mapping register
W
xxx1 1100
GRAYF
Gray level F mapping register
W
xxx1 1110
2CH
PSA1
Physical page address mapping register for logical page 1
R/W 0000 0001
2DH
PSA2
Physical page address mapping register for logical page 2
R/W 0000 0010
2EH
PSA3
Physical page address mapping register for logical page 3
R/W 0000 0011
2FH
Reserved
R/W xxxx xxxx
30H
AC
Download bus address counter
R/W
ACL
AC7
AC6
AC5
AC4
AC3
AC2
AC1
AC0
R/W 0000 0000
ACH
AC15
AC14
AC13
AC12
AC11
AC10
AC9
AC8
R/W 0000 0000
ACP
AC23
AC22
AC21
AC20
AC19
AC18
AC17
AC16
R/W 0000 0000
31H
EXMD
Download bus data port
R/W xxxx xxxx
32H
EXMC
-
-
-
-
-
WR
RD
DNLD
R/W xxxx x011
* The definitions of PWMC and VOC are different for 7-bit and 8-bit voice output. Please refer to voice
output section for the detailed description.
Extension registers:
Address
Name
Function
Mode
RESET
00H
RBR
UART RECEIVER BUFFER
R
0000 0000
01H
THR
UART TRANSMITTER HOLDING REGISTER
R/W
0000 0000
02H
IEIR
0
RLSI
THRI
RBRI
0
ID2
ID1
ID0
R/W
0000 0000
03H
LCR
BRGE
SB
SP
EPS
PEN
STB
WLS1
WLS0
R/W
0000 0000
04H
BRL
UART LSB of Baud Rate Register
R/W
0000 0000
05H
BRH
UART MSB of Baud Rate Register
R/W
0000 0000
06H
LSR
0
TEMT
THRE
BI
FE
PE
OE
DR
R
0110 0000
15H
IRL
IROE
IR PWM LOW DURATION
R/W
0xxx xxxx
16H
IRH
-
IR PWM HIGH DURATION
W
-xxx xxxx
17H
LVDC
LVDO
-
-
-
-
-
-
LVDE R/W
x--- ---0
Mask Options:
NAME
VALUE
NOTE
0
low voltage reset disable
MO_LVRE
1
low voltage reset enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com