Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84G762B Datasheet(PDF) 34 Page - King blillion Electronics Co.,Ltd.

Part # HE84G762B
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B Datasheet(HTML) 34 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 30Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 31Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 32Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 33Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 34Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 35Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 36Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 37Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 38Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
34
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Reset
0
-
-
0
-
-
-
-
If the dual clock mode is used, the LCD display, Timer1 and Timer Base will derive its clock source from
slow clock while the other blocks will operate with the fast clock.
13. General Purpose I/O
There are three dedicated general purpose I/O port, PRTC, PRTD and PRT10, while PRT15[1..0] and
PRT17 are multiplexed with LCD segment driver pins. All the I/O Ports are bi-directional and of non-
tri-state output structure. The output has weak sourcing (50 µA) and stronger sinking (1 mA) capability
and each can be configured as push-pull or open-drain output structure individually by mask option.
When the I/O port is used as input, the weakly high sourcing can be used as weakly pull-up. Open drain
can be used if the pull-up is not required and let the external driver to drive the pin. Please note that a
floating pad could cause more power consumption since the noise could interfere with the circuit and
cause the input to toggle. A ‘1’ needs to be written to port first before reading the input data from the I/O
pin. If the PMOS is used as pull-up, care should be taken to avoid the constant power drain by DC path
between pull-up and external circuit.
The input port has built-in Schmidt trigger to prevent it from chattering. The hysteresis level of Schmidt
trigger is 1/3 VDD.
VDD
VDD
Q
Q'
LATCH
MO_?PP
SCHMIDT Trigger input
DOUT
PAD
DIN
As pads of PRT15 and PRT17 are shared with LCD segment driver, the function of the pad is determined
by mask options. Following table is the setting for MO_LIO?[...] and MO_?PP[...] and others related to
LCD display setting and pin assignment features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com