Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84G762B Datasheet(PDF) 30 Page - King blillion Electronics Co.,Ltd.

Part # HE84G762B
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B Datasheet(HTML) 30 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 26Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 27Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 28Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 29Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 30Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 31Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 32Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 33Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 34Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
30
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
when the internal LCD power system is used by internal voltage multiplier . The input voltage is
regulated to LVREG using the internally by resistor between LGS1 and LVREG generated LVAG as
reference voltage. LVREG can be adjusted
LVREG adjustment guideline: First, the level of VDD must be 0.3 volt higher than LVREG even at the
end of battery life for the regulator to function properly. For example, if the VDD is expected to drop to
2.2 volts when battery is low, then the level of LVREG can only be set at 1.9 volts max. Secondly, the
higher the level of LVREG, the less multiples it requires pumping LV5 to same level. For example, to
pump the 2.25 volts to 9 volts requires 4 times multiplier; to pump the 3 volts to 9 volts requires only 3
time multiplier which consumes less power. So it is advisable not to adjust the LVREG to an unnecessary
low level.
Voltage multiplication: The LVREG is then multiplied by 3, 4, or 5 times, depending on external
capacitors configurations as shown below, to generate LV5. Please note that LV5 must be lower than 8.5
volts to prevent chip from breaking down.
LVL1
LVL2
LVL3
LVL4
LVL5
LCAP4A
LCAP2A
LCAP2A
LCAP1A
LCAP1A
LCAP3A
LCAP3A
LVAG
LVAG
LCAP2B
LCAP4A
LVL1
LVL2
LVL4
LCAP2B
LVL3
LV5
LVL5
LCAP1A
LCAP3A
LCAP2B
LCAP4A
LCAP2A
LVL1
LVL3
LVL2
LVL4
LCAP1B
LCAP1B
LCAP1B
LVAG
LGS1
LVREG
LGS1
LVREG
LVREG
LGS1
0.1uF
4.7uF
4.7uF
4.7uF
0.1uF
4.7uF
4.7uF
4.7uF
4.7uF
0.1uF
4.7uF
0.1uF
4.7uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
R2
R1
R2
0.1uF
R1
R1
R2
0.1uF
x4 multiplier
x3 multiplier
GND_LCD
GND_LCD
GND_LCD
x5 multiplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com