Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84G762B Datasheet(PDF) 15 Page - King blillion Electronics Co.,Ltd.

Part # HE84G762B
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B Datasheet(HTML) 15 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
15
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
2.
Make a dummy read to EXMD register to reset the AC pointer.
3.
Set up the address for transferring data by first writing to ACL, and then ACH and ACP with the first
3 writes to register.
4.
Start writing to addressed device by first writing 1 byte of data to EXMD register, clear WR bit of
CMD register and set it again, the AC will increment with each write pulse.
5.
To read addressed device, clear RD bit of EXMC register, read EXMD register and set RD bit again.
The AC will also increment with each read pulse. Read back for verification is optional. Please note
that read back can also be made through external address and data bus when the bus is switched back
to program bus.
6.
Switch back to normal bus for program execution and data access by clearing the DNLD bit of
EXMC register.
Please note that NOR FLASH memory from different manufacturers such as Intel, AMD, SST, etc.
requires various command sequence to set up. Programmer still needs to follow the respective
specifications of the vendors.
8. LCD Display RAM Map
The gray-scale LCD driver can be configured to be a 16 gray-scale, 4 gray-scales or black and white
display by mask option MO_GRAY_MODE.
MO_GRAY_MODE[1..0]
Gray levels
00
16
01
4
10
2 (B/W)
11
2 (B/W)
For 4 gray-scale display, 2-bit of RAM is required for each pixel and 4 bit for 16 gray-scale display, 1-bit
for black and white display. For different LCD configuration, the LCD display RAM is arranged
differently. The following figure shows one byte of RAM in different LCD configurations:
0F
0E
0D
0C
0B
0A
09
08
07
06
05
04
03
02
01
00
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
xx
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Black/White
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
4 Gray scales
SEG3
SEG2
SEG1
SEG0
16 Gray scales
SEG1
SEG0
The 16 Gray Scale register GRAY0 ~ GRAYF is the mapping register between the levels selected in
RAM and the real gray scale. In other words, if the content of GRAY0 is 0x03, when value of a certain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com