Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84G762B Datasheet(PDF) 44 Page - King blillion Electronics Co.,Ltd.

Part # HE84G762B
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B Datasheet(HTML) 44 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 40Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 41Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 42Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 43Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 44Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 45Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 46Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 47Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 48Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
44
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
CPU
bias &
filter
circuit
VDD
VO(DAO)
SPEAKER
The VOC is a three bit voice control register in the 7-bit mode.
VOC
address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Field
0x13
-
-
-
-
-
PWM
DAC
OP
Reset
-
-
-
-
-
-
0
0
0
PWM: ‘1’ PWM output enabled; ‘0’ PWM output disabled.
DAC: ‘1’ DAC enabled; ‘0’ DAC disabled.
OP: ‘1’ DAC uses DAO pin as output pin; ‘0’ DAC uses VO pin as output pin.
19. Low Voltage Detection/Reset
The low voltage detection is used to detect low battery or low power condition. There are 4 options on the
detection level selectable by mask option MO_DLVL. The low voltage detection circuit can be turned off
by clearing LVDE bit, and the status of supply power can be read out at bit LVDO of LVDC register
(extension register 0x17h).
MO_DLVL
Detection voltage
00
2.4 volts
01
2.6 volts
10
2.8 volts
11
3.0 volts
LVDC
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Field
LVDO
-
-
-
-
-
-
LVDE
Mode
R
-
-
-
-
-
-
W
Reset
-
-
-
-
-
-
-
0
LVDO: ‘0’
Battery level low; ‘1’
Battery level high
LVDE: ‘0’
Disable voltage Detection; ‘1’
Enable voltage Detection
Low voltage reset circuit prevents the CPU from operating below its physical limit. When the supply
voltage drops below VDET (2.2Volt), the CPU will be held in reset state until the supply voltage rises to
VRLS. Then CPU will be released from reset state. VRLS will be higher than VDET by 5% to provide
hysteresis and prevent CPU from bouncing back and forth between reset and operating state. The low
voltage reset function can be enabled or disabled by mask option MO_LVRE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com