Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84G762B Datasheet(PDF) 29 Page - King blillion Electronics Co.,Ltd.

Part # HE84G762B
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B Datasheet(HTML) 29 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 25Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 26Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 27Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 28Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 29Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 30Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 31Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 32Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 33Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
29
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
10. LCD Power Supply
The built-in LCD power supply is equipped with input voltage regulator, voltage multiplier and bias
voltage generating circuit with active buffer instead of passive resistor voltage dividing network. If the
external LCD power is provided, the internal LCD power system shall be disabled. The following table
shows the relationship of the LCD power system
LCDE(LCDC BIT0)
MO_PSMODE[1:0]
Function
1
00
Internal voltage multiplier and Bias voltage
generating circuit are enable to supply the
LCD display power.
1
01
Internal voltage multiplier is enabled, but the
Bias voltage generating circuit is disabled,and
the external power sources are applied
LV4~LV1.
1
10
Internal voltage multiplier is disabled, but the
Bias voltage generating circuit is enabled.
The single external power is applied to LV5,
and internal bias circuit will generate the
LV4~LV1 voltages.
1
11
Internal voltage multiplier and Bias voltage
generating circuit are disabled, and the
external power sources are applied to
LV5~LV1.
0
00
The lcd power system is disable,but the LV5~
LV1 is applied to VDD .
0
01
The lcd power system is disable,but the LV5
is applied to VDD and LV4~LV1 is applied to
hight impedance.
0
10
The lcd power system is disable, LV5 is
applied to hight impedance,and the LV4~LV1
Applied to LV5.
0
11
The lcd power system is disable, LV5~LV1 is
applied to hight impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com