Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84G762B Datasheet(PDF) 49 Page - King blillion Electronics Co.,Ltd.

Part # HE84G762B
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B Datasheet(HTML) 49 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 45Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 46Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 47Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 48Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 49Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 50Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 51Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 52Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 53Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
49
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
RATE
BAUD
FCK
DIVISOR
RATE
BAUD
_
*
16
_
_
=
, (FCK: fast clock of system)
The contents of BRH and BRL are calculated by the following two formulas:
BRL =
DIVISOR
RATE
BAUD
_
_
% 256
BRH = (
DIVISOR
RATE
BAUD
_
_
– BRL) / 256
The “%” symbol is the modulus operation (reminder of division). For example, if the FCK is 1.8432M Hz
and the desired baud rate is 2400 baud, then
48
2400
*
16
1843200
_
_
=
=
DIVISOR
RATE
BAUD
The BRL register shall be set to 0x30 and BRH set to 0x00. The setting of baud_rate_divisor is not
updated until the BRH register is written. Thus user is strongly recommended to write BRL first, then
BRH.
In order to obtain good communication quality, the same time base shall be used in the both sides of
transmitting and receiving. The following table shows the most common baud rate setting used in the PC
UART communication.
BRL and BRH: Baud Rate Control Registers
FCK(Hz)
Baud Rate (bps)
Divisor
BRL
BRH
1.8432M
50
2304
0x00
0x09
1.8432M
300
384
0x80
0x01
1.8432M
1200
96
0x60
0x00
1.8432M
2400
48
0x30
0x00
1.8432M
4800
24
0x18
0x00
1.8432M
9600
12
0x0C
0x00
1.8432M
19200
6
0x06
0x00
1.8432M
38400
3
0x03
0x00
1.8432M
57600
2
0x02
0x00
1.8432M
115200
1
0x01
0x00
21.3. Interrupt & Identification Register
This high nibble of IEIR register allows to enable/disable interrupt generation by the UART, the low
nibble ID[2..0] of IEIR register is used to identify the source of interrupts.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Value
0x02h
IEIR
0
RLSI
THRI
RBRI
0
ID2
ID1
ID0
“0000_0000”
-
R/W
R/W
R/W
-
R
R
R
RBRI: Receiver Buffer Register Interrupt (1 = Enable, 0 = Disable), related to ID[1] bit.
THRI: Transmitter Hold Register Interrupt (1 = Enable, 0 = Disable), related to ID[0] bit.
RLSI: Receiver Line Status Interrupt (1 = Enable, 0 = Disable), related to ID[2] bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com