Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84G762B Datasheet(PDF) 14 Page - King blillion Electronics Co.,Ltd.

Part # HE84G762B
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B Datasheet(HTML) 14 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
14
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
7. External RAM/Flash Memory
The external memory devices can be mask ROM, static RAM, or NOR type FLASH memory. Most NOR
type FLASH memory and RAM can be used as external storage for both program and data, so program
can be downloaded to external memory devices for future execution. However, there are some limitations.
When the data is to be written to external devices, the loader must reside in internal program space. In
other words, the loader program must be in internal ROM. When download is completed, the program in
the external memory can be run.
The data written to external memory devices is through a command interface composed of AC, EXMC
and EXMD registers for setting up the memory addresses, switching memory buses, generating read/write
pulse, read/write memory contents, etc. When writing finishes, external memory can be switched back the
external address and data bus for CPU to fetch data and instructions.
Writing to address registers is through a common register AC. Writing to AC will write data to ACL, ACH,
and then ACP in cyclic order. The sequence will be reset by an access to EXMD register. Therefore, it is
advisable to make a dummy read to EXMD register before writing to AC, so that the first write will be
made to ACL.
ACL: Lowest Significant Byte of Address Counter.
ACH: 2nd Byte of Address Counter.
ACP: Most Significant Byte of Address Counter.
DNLD: Switch the bus to download bus.
RD: Read pulse control.
WR: Write pulse control.
After address setup, the data can be written to address device through EXMD register. Program must
generate the required write pulse by firmware. The address counter AC will automatically increment with
each read/write access.
The procedure for downloading data from I/O or any other sources, i.e. command mode ROM device is as
follows:
1.
Switch the external memory to download bus by setting the DNLD bit of EXMC register.
AC
Mode
Description
Reset Value
ACL
R/W Address Counter Low for AC7 ~ AC0
“--------“
ACH
R/W Address Counter High for AC15 ~ AC8
“--------“
ACP
R/W Address Counter Page for AC23 ~ AC16
“--------“
Register
Mode Description
Reset Value
EXMC
W
-
-
-
-
-
DNLD
RD
WR
“-----011”
Register
Type
Description
Reset Value
EXMD
R/W
D7
D6
D5
D4
D3
D2
D1
D0
“--------“



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com