Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE84G762B Datasheet(PDF) 31 Page - King blillion Electronics Co.,Ltd.

Part # HE84G762B
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B Datasheet(HTML) 31 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 27Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 28Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 29Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 30Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 31Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 32Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 33Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 34Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 35Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
31
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Different duties require different bias settings. There is some theoretical correspondence between the
Duty and Bias Setting. However, it is better to use it as starting point and adjust it with real LCD panel
connected to it to determine the final setting. The theoretic relationship between the duty and bias setting
as following:
Duty Cycle Normal Bias Alternative Bias
32 duty
1/7
1/7.5
48 duty
1/8
1/7.5, 1/8.5
64 duty
1/9
1/8.5, 1/9.5
80 duty
1/10
1/9.5, 1/10.5
The bias setting is made by mask option MO_LBSR[2..0].
MO_LBSR[2..0]
Bias Setting
000
1/7
001
1/7.5
010
1/8
011
1/8.5
100
1/9
101
1/9.5
110
1/10
111
1/5
11. LCDC Control register
LCD Control Register LCDC controls the functions of LCD driver.
LCDC
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Field
-
-
CLR_GP
GRAY
BLANK
LCDE
Mode
-
-
W
W
W
W
Reset
-
-
1
xxx
1
0
Field
Value
Function
0
Reset GRAY palette register pointer by write ‘0’ to CLR_GP bit.
CLR_GP
1
No effect on GRAY palette register pointer.
000
LCD is darkest.
.
.
.
LCD display contrast adjustment.
GRAY
111
LCD is lightest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com