Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2861 Datasheet(PDF) 64 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 64 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 60Page - Qorvo, Inc ACT2861 Datasheet HTML 61Page - Qorvo, Inc ACT2861 Datasheet HTML 62Page - Qorvo, Inc ACT2861 Datasheet HTML 63Page - Qorvo, Inc ACT2861 Datasheet HTML 64Page - Qorvo, Inc ACT2861 Datasheet HTML 65Page - Qorvo, Inc ACT2861 Datasheet HTML 66Page - Qorvo, Inc ACT2861 Datasheet HTML 67Page - Qorvo, Inc ACT2861 Datasheet HTML 68Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
64 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
CMI 501: ACT2861QI501
CMI 501 is optimized for 5 cell Li-Ion battery applications and the default settings are appropriate for most typical appli-
cations. It operates with a switching frequency of 500kHz to provide an optimal tradeoff between overall size and effi-
ciency. The following table shows the default register settings.
CMI 501 Default Register Settings
Function
ACT2861QI501 Default
Register Settings
Register
Battery & Charging
Battery Termination Voltage
21V
VTERM
Battery Pre-Charge Voltage
15V
VBAT_LOW
Battery Short Voltage
12.5V
VBAT_SHORT
Battery Good Indicator Voltage (delta above Battery Pre-
Charge Voltage)
1V
VBATGOOD
Battery Recharge Voltage (delta below VTERM)
800mV
VRECHARGE
Fast Charge Current Scaling Factor (relative to IOLIM)
50%
IFCHG
Battery Short Current Scaling Factor (relative to IOLIM)
4%
VBAT_SHORT_CURRENT
Battery Pre-Charge Current Scaling Factor (relative to IOLIM)
5%
IPRECHG
Battery Termination Current Scaling Factor (relative to IOLIM)
5%
ITERM
Battery Termination
Enabled
EN_TERM
Battery Charge Path Impedance Compensation
Disabled
BAT_PATH_COMP
Battery Path Impedance Compensation Voltage Clamp
120mV
BAT_PATH_COMP_VCLAMP
Charging Input Current Limit Scaling Factor (relative to IILIM)
67%
IINLIM
TH Pin
Enabled
DIS_TH
Non-JEITA Max Battery Temp
65 deg C
OTG_HOT
Non-JEITA Min Battery Temp
-10 deg C
OTG_COLD
Minimum Input Voltage Limit (Start to reduce charger current)
4.5V
VINLIM
Start Delay (charging)
220ms
VIN_STRT_DLY
Battery OVP Latch off
Enabled
DIS_VBAT_OVP
Battery OV Deglitch Time
40ms
VBAT_OV_DEGLITCH_EN
Safety Timer
16 Hr
FC_SAFETY_TIMER
nCHG Pin Functionality in Charge Mode
Enabled
nOTG_PIN_POLARITY
JEITA
JEITA Support
Enabled
DIS_JEITA
JEITA Warm (45°C-60°C) Termination Voltage Reduction
Below VTERM
600mV
JEITA_VSETH
JEITA Warm (45°C-60°C) Charge Current
50%
JEITA_ISETH
JEITA Cold (0°C-10°C) Charge Current
50%
JEITA_ISETC
OTG
OTG Operation
Enabled
OTG_EN
OTG Output Voltage
5.1V
OTGVOUT_I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com