Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2861 Datasheet(PDF) 69 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 69 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 65Page - Qorvo, Inc ACT2861 Datasheet HTML 66Page - Qorvo, Inc ACT2861 Datasheet HTML 67Page - Qorvo, Inc ACT2861 Datasheet HTML 68Page - Qorvo, Inc ACT2861 Datasheet HTML 69Page - Qorvo, Inc ACT2861 Datasheet HTML 70Page - Qorvo, Inc ACT2861 Datasheet HTML 71Page - Qorvo, Inc ACT2861 Datasheet HTML 72Page - Qorvo, Inc ACT2861 Datasheet HTML 73Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
69 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
REG 0x01: Main Control 2 (R/W) (NVM)
Bit
Name
Description
Comment
7
DIS_TH
0
0: Enable
1: Disable
Set 1 to disable TH output and the JEITA Control. During
this mode, charger and OTG mode will always operate at
full current and voltage settings.
Note: This must be set to 1 to achieve the lowest possible
input current.
6
DIS_OCP_SHUTDO
WN
0
0: Enable
1: Disable
If set to 0, the device will be disabled if FET cycle by cycle
current limit is detected for 8 (or 16) continuous cycles. For
both Charge and OTG modes.
Uses the FET_LIMIT
register setting for the FET current limit.
5
DIS_VBAT_OVP
1
0: Enable
1: Disable
When set to 1, a BAT_OVP fault does not latch off the
charger in a fault mode. Charger will restart automatically
when the OVP condition is removed.
4
FET_ILIMIT
1
0: 8.5A
1: 10A
This is the cycle by cycle current limit setting for ALL FETS
in any operating mode:
3
VIN_OV_RESTART_
DELAY
0
0: 40ms
1: 100usec
Delay time to restart in charger mode after Input OV fault
has been removed
2
VREG_EN
1
0: Turn OFF VREG
1: Turn ON VREG
Control VREG on/off
Default is on.
1
WATCHDOG[1]
0
00: Disable timer
01: 80s
10: 160s
11: 320s
I2C Watchdog Timer Setting
Watchdog timer is always disabled and reset to 0 in HIZ
Mode.
When Disabled, Watchdog timer is also reset to 0.
0
WATCHDOG[0]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com