Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2861 Datasheet(PDF) 24 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 24 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 20Page - Qorvo, Inc ACT2861 Datasheet HTML 21Page - Qorvo, Inc ACT2861 Datasheet HTML 22Page - Qorvo, Inc ACT2861 Datasheet HTML 23Page - Qorvo, Inc ACT2861 Datasheet HTML 24Page - Qorvo, Inc ACT2861 Datasheet HTML 25Page - Qorvo, Inc ACT2861 Datasheet HTML 26Page - Qorvo, Inc ACT2861 Datasheet HTML 27Page - Qorvo, Inc ACT2861 Datasheet HTML 28Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
24 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
Charge Termination Suspend (CTSUSPEND)
This state prevents charging when the battery tempera-
ture measured by the TH pin exceeds the JEITA or Bat-
tery Temp registers settings for Hot or Cold. The state
machine only enters CTSUSPEND from the CHGTERM
state. The charger transitions back to the CHGTERM
state and resumes charging when the temperature re-
turns to allowable levels. The system can force the IC
out of the CTSUSPEND state by disabling the TH input
via I2C.
In this state, the Fast Charge Safety Timer is still held
at 0.
During this state the nCHG output blinks at 1HZ to indi-
cate a fault condition.
Fault Mode (FAULT)
This state protects the battery against all system level
faults by disabling the charger and preventing any addi-
tional current to go to the battery.
The charger enters the FAULT state if any of the follow-
ing occurs:
1. Fast Charge Safety Timer Timeout – If the timer
exceeds the setting in the FC_SAFETY_TIMER[4:0]
register 0x1Bh, then the charger enters the FAULT state.
It stays in the FAULT state until this timer is reset with
the I2C bit DIS_SAFETY_TIMER in register 0x1Bh. Any
condition that clears the Fast Charge Safety timer
makes the charger exit the FAULT state and returns the
charger to the RESET state to start charging again. The
Fast Charge Safety timer can be reset by setting the I2C
bit DIS_SAFETY_TIMER = 1. The charger also exits the
FAULT state if the IC is enters HIZ or SHIPMODE. Re-
fer to the Operating Modes State Machine Diagram for
more details.
2. Low Battery Safety Timer Timeout – If the timer ex-
ceeds 120 minutes for the states when VBAT is less
than VBAT LOW, then the charger enters the FAULT
state. It stays in the FAULT state until this timer is reset
with the I2C bit DIS_SAFETY_TIMER in register 0x1Bh.
Any condition that clears the Low Battery Safety Timer
makes the charger exit the FAULT state and returns the
charger to the RESET state to start charging again. The
Low Battery Safety Timer can be reset by setting the I2C
bit DIS_SAFETY_TIMER = 1. The charger also exits the
FAULT state if the IC is enters HIZ or SHIPMODE. Re-
fer to the Operating Modes State Machine Diagram for
more details.
3. VBAT OV Fault – This fault can be latching or non-
latching depending on the I2C bit DIS_VBAT_OVP
in register 0x01h setting. If DIS_VBAT_OVP=0, then
a battery overvoltage fault is latching. This requires the
IC to exit the Charge state to exit the charger FAULT
state. Exit the Charge state with the EN_CHG pin or any
other method shown in the Operating Modes State Ma-
chine Diagram
If DIS_VBAT_OVP=1, then a battery overvoltage fault
is not latching. The charger exits the FAULT state and
returns to the RESET state when the overvoltage
fault clears.
A 40msec deglitch timer is available to prevent false OV
fault detection due to noise or short battery voltage tran-
sients The I2C bit VBAT_OV_DEGLITCH_EN in register
0x0Bh sets the deglitch time. Setting this bit = 1 gives a
40ms deglitch time. Setting it = 0 gives a 5us deglitch
time.
4. VIN OV or VIN UV Fault – If the VIN voltage exceeds
the UVLO or OVLO thresholds, the charger stops charg-
ing and enters the FAULT state. Once the input voltage
returns to an acceptable level, the IC returns to the RE-
SET state to restart the charging process.
5. VREG LDO Fault – If the VREG LDO is not within
regulation or in an overcurrent condition, the charger
enters the FAULT state. Once the fault condition has
been removed from the LDO, the charger returns to the
RESET state to restart the charging process. This fault
can be ignored, if I2C bit DIS_CHG_VREG_FLT in reg-
ister 0x0Dh = 1. If this bit = 1, the charger does NOT go
to the FAULT state with a VREG LDO fault.
6. Die Thermal Shutdown (TSD) – If the die tempera-
ture exceeds TSHUT (160°C) the charger moves into
the FAULT state until it cools down by the thermal hys-
teresis, TSHUT_HYST (30°C). This fault cannot be
cleared or masked. The IC must cool down before exit-
ing the FAULT state. Once the IC cools down, it auto-
matically clears this fault, exits the FAULT state, and re-
turns to the RESET state to resume charging.
7. Watchdog Fault – If the watchdog timer is enabled
and the timer ties out, the Watchdog fault holds the
charger in the FAULT state until the watchdog timer is
reset or cleared. It can be reset by writing a 1 to the I2C
bit WATCHDOG_RESET or by disabling the Watchdog
timer with I2C bit WATCHDOG[1:0]=00.
8. FET_OC – If any of the FET currents reach the over-
current limit threshold for 16 cycles in a row, the IC en-
ters FET_OC fault. The fault latches and the IC must
EXIT the Charge state to clear the latch. Exit the Charge
state with the EN_CHG pin or any other method shown
in the Operating Modes State Machine Diagram
When the IC is in the FAULT state, the switching
charger is disabled and the charge current to the battery
is 0A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com