Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2861 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 5 Page - Qorvo, Inc

  ACT2861 Datasheet HTML 1Page - Qorvo, Inc ACT2861 Datasheet HTML 2Page - Qorvo, Inc ACT2861 Datasheet HTML 3Page - Qorvo, Inc ACT2861 Datasheet HTML 4Page - Qorvo, Inc ACT2861 Datasheet HTML 5Page - Qorvo, Inc ACT2861 Datasheet HTML 6Page - Qorvo, Inc ACT2861 Datasheet HTML 7Page - Qorvo, Inc ACT2861 Datasheet HTML 8Page - Qorvo, Inc ACT2861 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
5 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
AGND
Analog Ground. Kelvin connect AGND to the PGND plane.
2
TH
Battery temperature sensing input. Connect a negative temperature coefficient thermistor
between TH and AGND. This pin provides a constant current output, and the voltage at
this pin is used for temperature calculation. If temperature sensing is not used, leave TH
open and set register bit “DIS_TH” to a 1
3
INTBP
Internal Voltage Bypass - Connect a 100nF ceramic capacitor between INTBP and
AGND
4
VREG
Internal VREG LDO output. The output voltage is programmable from 2V to 5.1V. Connect
a 1.0uF between VREG and AGND. The maximum current capability for this pin is 100mA.
5, 20
PGND
Power Ground. Connect to large ground plane on PCB with thermal vias.
6
SDA
I2C Data Input and Output. Needs an external pull up resistor.
7
SCL
I2C Clock Input. Needs an external pull up resistor.
8
nOTG
OTG Enable Input. The OTG mode is active when this pin is pulled low and the EN_OTG
bit = 1. In OTG mode, the converter works in reverse operation mode, and power is
transferred from battery to VIN.
9
SHIPM
Shipping Mode input. Shorting this pin to GND for 32ms enables the IC. If not used,
connect SHIPM to AGND.
10
nIRQ
Interrupt Open-Drain Output. nIRQ goes low to indicate a fault condition. nIRQ is
referenced to AGND.
11
OLIM
Output Fast charge current setting pin. Connect a resistor from OLIM to AGND to
program the output current in normal charge mode.
12
VBATS
VBAT Sense Input – Kelvin connect close the battery to sense the battery voltage.
13
OSRN
Output current sense resistor negative input.
14
OSRP
Output current sense resistor positive input.
15
HSB2
High Side Bias Boot-strap pin. This provides power to the internal high-side MOSFET
gate driver circuitry. Connect a 47nF capacitor from HSB2 to SW2 pin
16, 17
VBAT
Charging Power Output pin. Connect this pin to 22uF-100uF ceramic capacitors placed
as close to the IC as possible.
18, 19, 33
SW2
Power switching output to external inductor.
21, 22, 34
SW1
Power switching output to external inductor.
23, 24, 35
VIN
Input voltage pin. Place a 22uF to 44uF decoupling capacitor between VIN and PGND.
25
HSB1
High Side Bias Boot-strap pin. This provides power to the internal high-side MOSFET
gate driver circuitry. Connect a 47nF capacitor from HSB1 to SW1 pin
26
ISRP
Input current sense resistor positive input.
27
ISRN
Input current sense resistor negative input.
28
nCHG
Open drain charge status indicator. nCHG = L indicates charging is in progress. nCHG =
HIZ indicates charge complete or charger disabled. nCHG = H to L at 1Hz indicates a
fault condition.
29
ILIM
Input current limit and OTG output current setting pin. Connect a resistor from ILIM to
AGND to program the input current when operating in normal mode and to program the
output current when operating in OTG Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com