Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2861 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT2861 Datasheet HTML 1Page - Qorvo, Inc ACT2861 Datasheet HTML 2Page - Qorvo, Inc ACT2861 Datasheet HTML 3Page - Qorvo, Inc ACT2861 Datasheet HTML 4Page - Qorvo, Inc ACT2861 Datasheet HTML 5Page - Qorvo, Inc ACT2861 Datasheet HTML 6Page - Qorvo, Inc ACT2861 Datasheet HTML 7Page - Qorvo, Inc ACT2861 Datasheet HTML 8Page - Qorvo, Inc ACT2861 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
Data Sheet Rev. F, April 2022 | Subject to change without notice
1 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
®
BENEFITS and FEATURES
• Wide VIN Range: 3.9V to 29V (No Dead Zone)
• Supports 2 to 5 Cell Lithium-ion Batteries
• Supports OTG Function (5V ~ 22.5V Input) with
wide range of output voltages
• OTG output supports QC3.0 / USB PD + PPS output
levels and transition times
• Programmable Frequency: 125KHz, 250KHz,
500kHz, and 1MHz
• 2V ~ 5.1V/100mA Programmable Output LDO
• Precision 0.5% Voltage Reference
• +/-4% Output Constant Current Regulation
•
< 5 μA Leakage Current from Battery in Shipping
Mode
• Programmable Charge Voltage via I2C
• Programmable Charge Current via Pin and I2C
• Programmable Soft-Start
• Programmable Safety Timer
• Battery Path Impedance Compensation
• JEITA Compliant
• Cycle-by-Cycle Current Limit
• Built in ADC for Temperature, Input and Output Volt-
age and Current monitoring
• Thermal Regulation and Protection
•
25mΩ FET from VIN to SW1
•
25mΩ FET from SW2 to VOUT
•
35mΩ FET from SW1 to PGND
•
35mΩ FET from SW2 to PGND
• Low Output Ripple
• Thermally Enhanced 32-Lead 4mx4mm QFN
APPLICATIONS
• Multi Cell Battery Charger
• Portable Battery-Powered Devices
• Car Charger
• Power Bank
• 24V Industrial Applications
• Automotive Power Systems
• Multiple Power Source Supplies
• DC UPS
• Solar Powered Devices
• Solid-State Lighting
GENERAL DESCRIPTION
The ACT2861 is a buck-boost charger with 4 integrated
MOSFETs. It offers a high efficiency, low component
count, compact solution for 2 to 5 cell battery charging
applications. It operates from a 3.9 V to 29 V input
voltage range.
The 4 internal low resistance NMOS switches minimize
the size of the application circuit and reduce power
losses to maximize efficiency. Internal high side gate
drivers, which only require two small external capacitors,
simplify the design process. An advanced switch control
algorithm allows the buck-boost converter to maintain
output voltage regulation with input voltages that are
above, below, or equal to the output voltage. Transitions
between these operating modes are seamless and free
of transients and subharmonic switching.
The ACT2861 is optimized to reduce input current in
shipping, shutdown, and standby for applications that
are sensitive to quiescent current draw, such as battery-
powered devices.
Both the input and output voltages and currents can be
configured by resistors and the I2C serial interface. The
system can also be monitored and configured using I2C.
The built-in ADC can read input/output voltages and
currents and the die temperature. With an MCU, it can
easy charge a multi-cell battery pack from a variety of
input power sources.
The IC provides the standard battery charger and power
supply safety features for system operation.
The ACT2861 is available in 32-pin, 4x4 mm QFN
package.


Similar Part No. - ACT2861

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
ACT2861QI201-T ACTIVE-SEMI-ACT2861QI201-T Datasheet
4Mb / 91P
30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
ACT2861QI301-T ACTIVE-SEMI-ACT2861QI301-T Datasheet
4Mb / 91P
30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
ACT2861QI401-T ACTIVE-SEMI-ACT2861QI401-T Datasheet
4Mb / 91P
30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
More results

Similar Description - ACT2861

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
Linear USB Battery Charger with Buck and Buck-Boost Regulators
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
logo
Renesas Technology Corp
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com