Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2861 Datasheet(PDF) 16 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 12Page - Qorvo, Inc ACT2861 Datasheet HTML 13Page - Qorvo, Inc ACT2861 Datasheet HTML 14Page - Qorvo, Inc ACT2861 Datasheet HTML 15Page - Qorvo, Inc ACT2861 Datasheet HTML 16Page - Qorvo, Inc ACT2861 Datasheet HTML 17Page - Qorvo, Inc ACT2861 Datasheet HTML 18Page - Qorvo, Inc ACT2861 Datasheet HTML 19Page - Qorvo, Inc ACT2861 Datasheet HTML 20Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
16 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
SHIP MODE
(VIN = 12V, VBAT = 7.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
SHIPM Deglitch Time Exit
tSHIPM_EXIT
Ship Mode Enabled
From SHIPM pin or VIN threshold
12
32
60
ms
SHIPM Pullup Resistor Exit
RSHIPM_PU
Ship Mode Enabled
1
1.35
2
M
Ω
SHIPM Pullup Voltage Exit
VSHIPM_PU
Ship Mode Enabled
3
V
SHIPM Input low threshold Exit
VSHIPM_L
Ship Mode Enabled
1.5
V
SHIPM Input Hysteresis Exit
VSHIPM_HYST
Ship Mode Enabled
100
mV
SHIPM VIN Threshold Exit
VSHIP_VIN
Ship Mode Enabled
3.9
V
SHIPM Pull Down Resistor
RSHIPM_PD
Ship Mode Disabled
0.7
1
1.3
M
Ω
SHIPM Enter Voltage to Re-enter
Ship Mode
VSHIP_ENTER
Voltage on SHIPM Pin
Ship Mode Disabled
4.5
V
SHIPM Deglitch Time to Re-enter
Ship Mode
tSHIPM_ENTER
Ship Mode Disabled
20
32
45
ms
SHIPM Delay entering Ship Mode
using I2C Register Bit
tSHIPM_ENTER_I2
C
Ship Mode Disabled
0.8
1
1.2
s
LOGIC PIN CHARACTERISTICS – NOTG, NCHG, NIRQ, GPIO
(VIN = 12V, VBAT = 7.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
nOTG, GPIO Input low threshold
VILO
0.4
V
nOTG, GPIO Input high threshold
VIHI
1.25
V
nCHG, nIRQ , GPIO Output Low
Voltage
VOL
Sink Current = 5 mA
0.4
V
nCHG, nIRQ, GPIO High Level
Leakage Current
IOH
Output = 5V
1
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com