Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2861 Datasheet(PDF) 46 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 46 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 42Page - Qorvo, Inc ACT2861 Datasheet HTML 43Page - Qorvo, Inc ACT2861 Datasheet HTML 44Page - Qorvo, Inc ACT2861 Datasheet HTML 45Page - Qorvo, Inc ACT2861 Datasheet HTML 46Page - Qorvo, Inc ACT2861 Datasheet HTML 47Page - Qorvo, Inc ACT2861 Datasheet HTML 48Page - Qorvo, Inc ACT2861 Datasheet HTML 49Page - Qorvo, Inc ACT2861 Datasheet HTML 50Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
46 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
or similar dielectrics is not recommended. Input capaci-
tor placement is critical for proper operation. The input
capacitor must be placed as close to the IC as possible.
The traces from VBAT to the capacitor and from the ca-
pacitor to PGND should as short and wide as possible.
OTG – Output Capacitor Selection
Note that the OTG COUT capacitors are also the charg-
ing input capacitors. They are connected to VIN. The
output capacitance must be a combination of ceramic
and bulk capacitance.
Table 11 gives the required capacitor values for stability.
Note that the table has two output capacitor options:
Standard Capacitance and Minimum Capacitance.
The Standard Capacitance design requires more over-
all capacitance, but places no restriction on the bulk
capacitor ESR. The Minimum Capacitance design re-
sults in an overall smaller design, but places restrictions
on the ESR. The capacitor values can be increased
without limit.
Note that the Ceramic and Bulk capacitor values are
recommended “Capacitor Values”. When choosing the
ceramic capacitors, use X5R or X7R dielectrics and be
sure to consider the capacitor’s tolerance and DC bias
effects. Use of Y5U, Z5U, or similar dielectrics is not
recommended. The 22uF capacitor must have at least
9uF of effective capacitance for stability. The 47uF ca-
pacitor must have 19uF of capacitance. The bulk capac-
itors do not have DC bias effects.
Output ceramic capacitor placement is critical for proper
operation. The output capacitor must be placed as close
to the IC as possible. The traces from VIN to the capac-
itor and from the capacitor to PGND should as short and
wide as possible. The bulk capacitor should be placed
to the left of the current sense resistor. Refer to the Lay-
out Guidelines selection and to the EVK layout for
additional details.
OTG - Inductor Selection
The buck-boost regulator utilizes current-mode control
and a proprietary compensation scheme to simultane-
ously compensate the buck, buck-boost, and boost
modes of operation. The ACT2861 compensation re-
quires a fixed inductor value that is matched to the
switching frequency. Table 9 gives the required inductor
value. Choose an inductor with a low DC-resistance,
and avoid inductor saturation by choosing inductors with
DC ratings that exceed the maximum output current by
at least 30%. The inductor value must be within +30%
to -30% across all operating conditions.
OTG - Compensation
The ACT2861 operates in three switching modes: buck,
buck-boost, and boost mode depending on the input
and output voltage ratios. The IC contains a proprietary
compensation scheme to simultaneously compensate
all three switching modes. The compensation values
are directly tied to the switching frequency and required
inductor value. Table 9 provides the required compen-
sation values. Figure 16 shows the OTG compensation
components.
Table 11: OTG Inductor and Compensation
Standard Capacitance Design
Minimum Capacitance Design
Switching
Frequency
Inductor
Min / Typ / Max
(uH)
CICOMP1
(nF)
CICOMP2
(nF)
RICOMP
(k
Ω)
Ceramic
Capacitor
(uF)
Bulk
Capacitor
(uF)
Bulk
Capacitor
ESR
(m
Ω)
Ceramic
Capacitor
(uF)
Bulk
Capacitor
(uF)
Bulk
Capacitor
ESR
(m
Ω)
125Khz
29 / 42 / 55
82
8.2
20.0
47
1000
N/A
22
470
30 - 100
250Khz
15 / 22 / 29
39
3.9
20.0
47
470
N/A
22
220
50 - 200
500KHz
7 / 10 / 13
22
2.2
20.0
47
220
N/A
22
100
50 - 200
1MHZ
4 / 5.6 / 7.28
10
1.0
20.0
47
100
N/A
22
100
50 - 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com