Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2861 Datasheet(PDF) 32 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 32 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 28Page - Qorvo, Inc ACT2861 Datasheet HTML 29Page - Qorvo, Inc ACT2861 Datasheet HTML 30Page - Qorvo, Inc ACT2861 Datasheet HTML 31Page - Qorvo, Inc ACT2861 Datasheet HTML 32Page - Qorvo, Inc ACT2861 Datasheet HTML 33Page - Qorvo, Inc ACT2861 Datasheet HTML 34Page - Qorvo, Inc ACT2861 Datasheet HTML 35Page - Qorvo, Inc ACT2861 Datasheet HTML 36Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
32 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
9.
Input VIN OV (30V) – If VIN is above VIN_OVP
(30V), nIRQ is asserted. This is a level triggered
event. This fault is detected in HIZ mode,
Charge Mode, and OTG Mode.
10. VBAT Above VOTG_VBAT_OV (23.5V) - If VBAT is
above VOTG_VBAT_OV (23.5V), nIRQ is asserted.
This is a level triggered event. 1 must be written
into nIRQ_CLEAR to deassert nIRQ. This fault
is detected in HIZ mode, Charge Mode, and
OTG Mode.
Charge Mode nIRQ Conditions
1.
Input Undervoltage - Any time VIN is below
VIN_UVLO (3.9V) threshold, nIRQ is asserted.
This is a level triggered event. VIN must be in
the valid range and high AND 1 must be written
into nIRQ_CLEAR to deassert nIRQ.
2.
Fast Charge Safety Timer Expired – If the
Low Battery Safety Timer expires or the Fast
Charge Safety Timer expires during charge
mode, nIRQ is asserted. This is level triggered
event. The safety timers must be cleared AND
1 must be written into nIRQ_CLEAR to deassert
nIRQ. The fault timers can be cleared via I2C or
by exiting and re-entering Charge mode.
3.
Charge Completed – When the IC’s Charge
state machine moves from the FASTCHG state
to the CHGFULL or CHGTERM states, nIRQ is
asserted. This is an edge triggered event. 1
must be written into nIRQ_CLEAR to deassert
nIRQ. Note that the state machine can stay in
the CHGFULL or CHGTERM states without re-
asserting nIRQ.
4.
Battery Overvoltage - If the VBAT pin voltage
exceeds the VBAT Overvoltage threshold VBA-
TOVP
during Charge mode, nIRQ is asserted.
This is a level triggered function. The battery
voltage must be below VBAT OVP AND a 1
must be written into nIRQ_CLEAR to deassert
nIRQ.
5.
Battery Temp Suspend – If the battery tem-
perature measured by the TH pin exceeds the
JEITA or Battery Temp registers settings for
Hot or Cold and causes the Charging state ma-
chine to move to a suspend mode, nIRQ is as-
serted. This is an edge triggered event. A 1
must be written into nIRQ_CLEAR to deassert
nIRQ.
OTG Mode nIRQ Conditions
1.
OTG Mode Battery Cutoff – If the VBAT pin
voltage is below the VOTG_VBAT_CUTOFF threshold,
nIRQ is asserted. This is a level triggered event.
VBAT must be in the valid range AND 1 must
be written into nIRQ_CLEAR to deassert nIRQ.
2.
OTG Light Load Disable State - Any time the
IC enters the OTG_LL_DIS state, nIRQ is as-
serted. This is an edge triggered event. A 1
must be written into nIRQ_CLEAR to deassert
nIRQ. The IC does not need to exit the
OTG_LL_DIS state to de-assert nIRQ.
3.
OTG Hiccup Mode / Vout Fault State - Any
time the IC enters the OTG_HICCUP state,
nIRQ is asserted. This is an edge triggered
event. A 1 must be written into nIRQ_CLEAR to
deassert nIRQ.
4.
Battery Temperature – If the battery tempera-
ture measured by the TH pin exceeds the
JEITA or Battery Temp registers settings for
Hot or Cold and causes the OTG state machine
to move to the OTG_RST state, nIRQ is as-
serted. This is an edge triggered event. A 1
must be written into nIRQ_CLEAR to deassert
nIRQ.
Die Thermal Regulation
The ACT286x monitors the internal junction tempera-
ture, TJ, to avoid overheating When TJ exceeds the
maximum thermal regulation limit set by I2C bits TREG
[1:0], the IC reduces the output current to lower the die
temperature. This function works in both Charge mode
and OTG mode. In Charge mode, the IC reduces the
charging current. This has no effect other than to
lengthen the charging time. In OTG mode, it reduces the
output current limit value. If the load current is not re-
duced, the OTG output voltage will drop and generate
an OTG undervoltage fault. The maximum operating
junction temperature is programmable to 80ºC, 100ºC,
or 120ºC to allow the user to optimize their system ther-
mal performance. This function can be disabled by set-
ting TREG[1:0] = 00.
When Thermal Regulation is active in Charge mode, the
Low
Battery
Safety
and
Fast
Charge
Safety
Timers both run at ½ speed to increase the overall
safety timeout window.
SHIP MODE
The ACT2861 contain a SHIP MODE feature that re-
duces battery current consumption to 1uA. This is espe-
cially useful when a battery powered application is
shipped to the store and sits on the shelf for long peri-
ods of time. In SHIP MODE the IC turns off all functions
except the SHIPM pin and the VIN voltage detection cir-
cuitry. The IC state machine always starts in SHIP
MODE state. There are two ways to exit SHIP MODE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com