Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2861 Datasheet(PDF) 49 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 49 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 45Page - Qorvo, Inc ACT2861 Datasheet HTML 46Page - Qorvo, Inc ACT2861 Datasheet HTML 47Page - Qorvo, Inc ACT2861 Datasheet HTML 48Page - Qorvo, Inc ACT2861 Datasheet HTML 49Page - Qorvo, Inc ACT2861 Datasheet HTML 50Page - Qorvo, Inc ACT2861 Datasheet HTML 51Page - Qorvo, Inc ACT2861 Datasheet HTML 52Page - Qorvo, Inc ACT2861 Datasheet HTML 53Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
49 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
Table 15: klim Values
IC Operating
Mode
OTG_BAT_ILIM
(register 0x10h)
klim
Charge
n/a
1
OTG
00
disabled
01
1.5
10
2.0
11
1.5
Below are two example ADC reads.
1. Charge mode. Battery voltage = 7.4V
Read CH2 to measure the battery voltage. This reading
results in the ADC_OUT[13:2] bits = 0x9E9h, which
converts to 2537 decimal.
������������������������������������������������=0.01527∗(2537−2048)=7.46������������
2. OTG mode. OTG input current (from the battery) =
2.0A. Assume RCS_OUT = 0.01ohm and ROLIM =
33.1kohm. Also assume the OTG_BAT_ILIM register =
10 to set klim to 2.0.
Read CH3 to measure the battery current. This reading
results in the ADC_OUT[13:2] = 0x9A4h, which con-
verts to 2468 decimal.
������������������������������������������������=������������������������������������������������∗0.7633∗(2468−2048)
0.01∗33100 =1.937������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com