Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2861 Datasheet(PDF) 36 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 36 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 32Page - Qorvo, Inc ACT2861 Datasheet HTML 33Page - Qorvo, Inc ACT2861 Datasheet HTML 34Page - Qorvo, Inc ACT2861 Datasheet HTML 35Page - Qorvo, Inc ACT2861 Datasheet HTML 36Page - Qorvo, Inc ACT2861 Datasheet HTML 37Page - Qorvo, Inc ACT2861 Datasheet HTML 38Page - Qorvo, Inc ACT2861 Datasheet HTML 39Page - Qorvo, Inc ACT2861 Datasheet HTML 40Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
36 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
Table 4: Charge Current Component Selection
Switching Frequency = 125kHz
IOLIM
(A)
RCS
(mΩ)
ROLIM
(kΩ)
RCS_COMP
(kΩ)
CCS_COMP
(nF)
5
10
20
NA
NA
4
10
25
NA
NA
3
10
33
10
330
2
10
50
10
330
1.5
20
33
10
330
1
20
50
10
330
Switching Frequency = 250kHz, 500kHz, 1MHz
IOLIM
(A)
RCS
(mΩ)
ROLIM
(kΩ)
RCS_COMP
(kΩ)
CCS_COMP
(nF)
5
10
20
NA
NA
4
10
25
NA
NA
3
10
33
NA
NA
2
10
50
15
56
1.5
20
33
10
100
1
20
50
10
100
To eliminate noise in the current measurement circuit,
the current sense voltage must be filtered. The recom-
mended values are ROSRP = ROSRN = 30.1ohm and
COSR = 100nF. These values can be scaled up or down,
but ROSRP must be between 20ohm and 50ohm, and
the resulting filter cutoff frequency must be between
20kHz and 30kHz.
The actual charge current can be measured with the
OLIM pin. The OLIM voltage is directly proportional to
the charging current. The following equation calculates
the charging current.
������������������������������������������������=������������������������������������������������������������������������������������������������������������������������2������������
Where IOLIM is the hardware programmed 100%
charging current in amps and VOLIM is the voltage
measured at the OLIM pin.
Note that the output current in charge mode becomes
the input current in OTG mode.
Charging – Dead Battery, Short Circuit, and
Precharge Currents
The charger operates at reduced currents when the bat-
tery voltage is low. This protects the battery chemistry
and prepares it for fast charging. When in the
SCOND_DB mode, the charger supplies a fixed 10mA
of charge current.
When in the SCOND mode, the charger supplies the
“short battery” current, ISHRT. ISHRT is a fixed percent-
age
of
ICHG
which
is
set
by
the
I2C
bits
VBAT_SHORT_CURRENT in register 0x0Bh.
When in the PCOND mode (precharge), the charger
supplies the “precharge” current, IPRECHG. IPRECHG
is a fixed percentage of ICHG which is set by the I2C
bits IPRECHG in register 0x19h. IPRECHG can set the
precharge current from 5% to 20% of the ICHG.
Charging - Maximum Input Current Limit
In Charge mode, the IC features an input current limit
circuit to meet maximum input current limitations for
USB sources and to avoid over loading weak input volt-
age sources. Figure 12 shows that the input current lim-
iting circuitry is identical to the charge current setting
circuitry. When the input current reaches current limit,
the ACT2861 control circuitry starts regulating the max-
imum input current. When in charge mode, this effec-
tively lowers the charge current to maintain the maxi-
mum programmed input current. The maximum allowa-
ble input current is 5A. The actual input current limit,
IIN_LIM can be scaled from 1% to 100% of IILIM in 1%
steps. The following equation defines the final input cur-
rent limit.
������������������������������������_������������������������������������=������������������������������������������������������������∗������������������������������������������������������������[6:0]
Where IILIM is the hardware programmed current limit
and INLIM[6:0] is the scaling factor. INLIM[6:0] is the
decimal equivalent value in this register. For example, if
IILIM, is programmed to 5A and INLIM[6:0] = 0111100b
(60% decimal), the final charge current = 5A * 0.60 = 3A.
Note that INLIM[6:0] is a 7 bit register and can be pro-
grammed between 0x00h and 0x7Fh (0% and 127%). If
a value of 0x00h is written to the register, the register
retains 0x00h, but the IC sets the input current to 1%. If
a value above 0x64h (100%) is written to the register,
the IC retains the written value, but sets the input cur-
rent to 100%.
Input current limit can be set by the ILIM pin and
IINLIM[6:0] registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com