Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2861 Datasheet(PDF) 38 Page - Qorvo, Inc

Part # ACT2861
Description  30V Buck-Boost Charger with Integrated MOSFETs and OTG
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT2861 Datasheet(HTML) 38 Page - Qorvo, Inc

Back Button ACT2861 Datasheet HTML 34Page - Qorvo, Inc ACT2861 Datasheet HTML 35Page - Qorvo, Inc ACT2861 Datasheet HTML 36Page - Qorvo, Inc ACT2861 Datasheet HTML 37Page - Qorvo, Inc ACT2861 Datasheet HTML 38Page - Qorvo, Inc ACT2861 Datasheet HTML 39Page - Qorvo, Inc ACT2861 Datasheet HTML 40Page - Qorvo, Inc ACT2861 Datasheet HTML 41Page - Qorvo, Inc ACT2861 Datasheet HTML 42Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 97 page
background image
Data Sheet Rev. F, April 2022 | Subject to change without notice
38 of 97
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
ACT2861
30V Buck-Boost Charger with Integrated MOSFETs and OTG
®
NTC
REF_60
REF_50
REF_45
REF_0
REF_10
NTC
10KΩ @
25C
ENABLE
Figure 13: TH Pin Resistor Network
JEITA Battery Temperature Control
To improve the safety of charging Li-ion batteries, the
JEITA guideline was released on April 20, 2007. The
guideline emphasizes the importance of avoiding a high
charge current and high charge voltage at both extreme
low and high temperature ranges. To comply with JEITA
battery charging requirements, and to improve battery
reliability and safety, the ACT2861 reduces the termina-
tion voltage and/or the charging current when the bat-
tery is at temperature extremes. When the battery tem-
perature is outside the normal charging range, IC either
reduces the safety timer speeds or stops the timers until
the temperature goes back into the normal charging
range. When stopped, the timers are not reset. They
hold their value and resume normal counting when
charging restarts. Refer to the Safety Timer Speed Set-
tings table for specific details.
The ACT2861 contains default JEITA voltage, current,
and temperature limits. These voltage and current set-
tings are configurable via I2C. The temperature limits
are fixed. To use the JEITA limits, enable thermal mon-
itoring with bit DIS_TH = 0 and set I2C bit DIS_JEITA in
register 0x1Ch = 0.
Mode T0 - Tbattery < 0degC: All battery charging is sus-
pended until the temperature goes back above 0deg C.
Both the Fast Charge Safety Timer and the Low Battery
Safety Timers are suspended. The T0 temperature is
fixed at 0deg C and cannot be changed.
Mode T1-T2 – 0degC < Tbattery < 10degC: Battery
charging in this region is a function of the I2C bits
JEITA_ISETC in register 0x1Ch. Depending on these
register bits, fast charging in this region can range from
fully suspended to not changed. Termination voltage is
not changed. ISHRT and IPRECHARGE currents are not af-
fected. Table 5 shows the resulting charge functionality
and safety timer settings.
Mode T3-T5 – 45degC < Tbattery < 60degC: Battery
charging in this region is a function of the I2C bits
JEITA_ISETH and JEITA_VSETH in register 0x1Ch.
When JEITA_VSETH is a non-zero value, the IC re-
duces the termination voltage by 200mV to 750mV be-
low
the
normal
termination
voltage.
When
JEITA_VSETH = 000 and JEITA_ISETH = 0, fast
charge current is set to 50% of default. When
JEITA_ISETH = 1, charging current and termination
voltage are not changed. ISHRT and IPRECHARGE currents
are not affected.
Mode T6 – Tbattery > 60degC: All battery charging is sus-
pended until the temperature goes back below 60deg C.
Both the Fast Charge Safety Timer and the Low Battery
Safety Timers are suspended. The T6 temperature is
fixed at 60deg C and cannot be changed.
Table 5 shows the resulting charge functionality and
safety timer settings. Figure 13 shows this in graphical
form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com