Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 14Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 15Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 16Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 17Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 18Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 19Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 20Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 21Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 18
Preliminary
 2015 Microchip Technology Inc.
3.0
MEMORY ORGANIZATION
These devices contain the following types of memory:
• Program Memory
- Configuration Words
-Device ID
-User ID
- Program Flash Memory
• Data Memory
- Core Registers
- Special Function Registers
- General Purpose RAM
- Common RAM
- Data EEPROM
The following features are associated with access and
control of program memory and data memory:
• PCL and PCLATH
•Stack
• Indirect Addressing
•NVMREG access
3.1
Program Memory Organization
The enhanced mid-range core has a 15-bit program
counter capable of addressing 32K x 14 program
memory space. Table 3-1 shows the memory sizes
implemented. Accessing a location above these
boundaries will cause a wrap-around within the
implemented memory space. The Reset vector is at
0000h and the interrupt vector is at 0004h (see
Figure 3-1).
TABLE 3-1:
DEVICE SIZES AND ADDRESSES
Device
Program Memory Size (Words)
Last Program Memory Address
PIC16(L)F18313/18323
2048
07FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com