Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 47Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 48Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 49Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 50Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 51Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 52Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 53Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 54Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 51
PIC16(L)F18313/18323
REGISTER 4-2:
CONFIG2: CONFIGURATION WORD 2: SUPERVISORS
R/P-1
R/P-1
R/P-1
U-1
R/P-1
U-1
DEBUG
STVREN
PPS1WAY
—BORV
—
bit 13
bit 8
R/P-1
R/P-1
R/P-1
U-1
R/P-1
R/P-1
R/P-1
R/P-1
BOREN1
BOREN0
LPBOREN
—
WDTE1
WDTE0
PWRTE
MCLRE
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘1’
‘0’ = Bit is cleared
‘1’ = Bit is set
n = Value when blank or after Bulk Erase
bit 13
DEBUG:
Debugger Enable bit(2)
1 = OFF
Background debugger disabled; ICSPCLK and ICSPDAT are general purpose I/O pins
0 = ON
Background debugger enabled; ICSPCLK and ICSPDAT are dedicated to the debugger
bit 12
STVREN:
Stack Overflow/Underflow Reset Enable bit
1 = ON
Stack Overflow or Underflow will cause a Reset
0 = OFF
Stack Overflow or Underflow will not cause a Reset
bit 11
PPS1WAY:
PPSLOCKED One-Way Set Enable bit
1 = ON
The PPSLOCKED bit can be cleared and set only once; PPS registers remain locked after one clear/set
cycle
0 = OFF
The PPSLOCKED bit can be set and cleared repeatedly (subject to the unlock sequence)
bit 10
Unimplemented:
Read as ‘1’
bit 9
BORV:
Brown-out Reset Voltage Selection bit(1)
1 = LOW
Brown-out Reset voltage (VBOR) set to 1.9V on LF, and 2.45V on F devices
0 = HIGH
Brown-out Reset voltage (VBOR) set to 2.7V
The higher voltage setting is recommended for operation at or above 16 MHz.
bit 8
Unimplemented:
Read as ‘1’
bit 7-6
BOREN<1:0>:
Brown-out Reset Enable bits
When enabled, Brown-out Reset Voltage (VBOR) is set by the BORV bit
11 = ON
Brown-out Reset is enabled; SBOREN bit is ignored
10 = SLEEP
Brown-out Reset is enabled while running, disabled in Sleep; SBOREN bit is ignored
01 = SBOREN
Brown-out Reset is enabled according to SBOREN
00 = OFF
Brown-out Reset is disabled
bit 5
LPBOREN:
Low-Power BOR Enable bit
1 = OFF
ULPBOR is disabled
0 = ON
ULPBOR is enabled
bit 4
Unimplemented:
Read as ‘1’
bit 3-2
WDTE<1:0>:
Watchdog Timer Enable bit
11 = ON
WDT is enabled; SWDTEN is ignored
10 = SLEEP
WDT is enabled while running and disabled in Sleep/Idle; SWDTEN is ignored
01 = SWDTEN
WDT is controlled by the SWDTEN bit in the WDTCON register
00 = OFF
WDT is disabled; SWDTEN is ignored
bit 1
PWRTE:
Power-up Timer Enable bit
1 = OFF
PWRT is disabled
0 = ON
PWRT is enabled
bit 0
MCLRE:
Master Clear (MCLR) Enable bit
If LVP = 1:
RA3 pin function is MCLR.
If LVP = 0:
1 = ON
MCLR pin is MCLR.
0 = OFF
MCLR pin function is port-defined function.
Note
1:
See VBOR parameter for specific trip point voltages.
2:
The DEBUG bit in Configuration Words is managed automatically by device development tools including debuggers and
programmers. For normal device operation, this bit should be maintained as a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com