Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 72Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 73Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 74Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 75Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 76Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 77Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 78Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 79Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 76
Preliminary
 2015 Microchip Technology Inc.
TABLE 6-2:
NDIV/CDIV BIT SETTINGS
TABLE 6-1:
NOSC/COSC BIT SETTINGS
NOSC<2:0>
COSC<2:0>
Clock Source
111
EXTOSC(1)
110
HFINTOSC (1 MHz)
101
Reserved
100
LFINTOSC
011
SOSC
010
Reserved
001
EXTOSC with 4xPLL(1)
000
HFINTOSC with 2x PLL (32 MHz)
Note
1:
EXTOSC configured by the FEXTOSC bits of Configuration Word 1
(Register 4-1).
NDIV<3:0>
CDIV<3:0>
Clock divider
1111-1010
Reserved
1001
512
1000
256
0111
128
0110
64
0101
32
0100
16
0011
8
0010
4
0001
2
0000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com