Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 83Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 84Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 85Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 86Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 87Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 88Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 89Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 90Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 87
PIC16(L)F18313/18323
7.6
Register Definitions: Interrupt Control
REGISTER 7-1:
INTCON: INTERRUPT CONTROL REGISTER
R/W-0/0
R/W-0/0
U-0
U-0
U-0
U-0
U-0
R-1/1
GIE
PEIE
—
—
—
—
—INTEDG
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
GIE:
Global Interrupt Enable bit
1
= Enables all active interrupts
0
= Disables all interrupts
bit 6
PEIE:
Peripheral Interrupt Enable bit
1
= Enables all active peripheral interrupts
0
= Disables all peripheral interrupts
bit 5-1
Unimplemented:
Read as ‘0’
bit 0
INTEDG:
Interrupt Edge Select bit
1
= Interrupt on rising edge of INT pin
0
= Interrupt on falling edge of INT pin
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE, of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com