Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 62Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 63Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 64Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 65Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 66Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 67Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 68Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 69Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 66
Preliminary
 2015 Microchip Technology Inc.
6.2
Clock Source Types
Clock sources can be classified as external or internal.
External clock sources rely on external circuitry for the
clock source to function. Examples are: oscillator
modules (ECH, ECM, ECL mode), quartz crystal
resonators or ceramic resonators (LP, XT and HS
modes).
There is also a secondary oscillator block which is
optimized for a 32.768 kHz external clock source,
which can be used as an alternate clock source.
There are two internal oscillator blocks:
- HFINTOSC
- LFINTOSC
The HFINTOSC can produce clock frequencies from
1-16 MHz. The LFINTOSC generates a 31 kHz clock
frequency.
There is a PLL that can be used by the external
oscillator. See Section 6.2.1.4 “4x PLL” for more
details. Additionally, there is a PLL that can be used by
the HFINTOSC at certain frequencies. Section 6.2.2.2
“2x PLL”
for more details.
6.2.1
EXTERNAL CLOCK SOURCES
An external clock source can be used as the device
system clock by performing one of the following
actions:
• Program the RSTOSC<2:0> bits in the
Configuration Words to select an external clock
source that will be used as the default system
clock upon a device Reset
• Write the NOSC<2:0> and NDIV<3:0> bits in the
OSCCON1 register to switch the system clock
source
See Section 6.3 “Clock Switching” for more
information.
6.2.1.1
EC Mode
The External Clock (EC) mode allows an externally
generated logic level signal to be the system clock
source. When operating in this mode, an external clock
source
is
connected
to
the
CLKIN
input.
OSC2/CLKOUT is available for general purpose I/O or
CLKOUT. Figure 6-2 shows the pin connections for EC
mode.
EC mode has three power modes to select from through
Configuration Words:
• ECH – High power, 8-32 MHz
• ECM – Medium power, 0.1-8 MHz
• ECL – Low power, 0-0.1 MHz
The Oscillator Start-up Timer (OST) is disabled when
EC mode is selected. Therefore, there is no delay in
operation after a Power-on Reset (POR) or wake-up
from Sleep. Because the PIC® MCU design is fully
static, stopping the external clock input will have the
effect of halting the device while leaving all data intact.
Upon restarting the external clock, the device will
resume operation as if no time had elapsed.
FIGURE 6-2:
EXTERNAL CLOCK (EC)
MODE OPERATION
6.2.1.2
LP, XT, HS Modes
The LP, XT and HS modes support the use of quartz
crystal resonators or ceramic resonators connected to
OSC1 and OSC2 (Figure 6-3). The three modes select
a low, medium or high gain setting of the internal
inverter-amplifier to support various resonator types
and speed.
LP
Oscillator mode selects the lowest gain setting of the
internal inverter-amplifier. LP mode current consumption
is the least of the three modes. This mode is designed to
drive only 32.768 kHz tuning-fork type crystals (watch
crystals).
XT
Oscillator mode selects the intermediate gain
setting of the internal inverter-amplifier. XT mode
current consumption is the medium of the three modes.
This mode is best suited to drive resonators with a
medium drive level specification.
HS
Oscillator mode selects the highest gain setting of the
internal inverter-amplifier. HS mode current consumption
is the highest of the three modes. This mode is best
suited for resonators that require a high drive setting.
Figure 6-3 and Figure 6-4 show typical circuits for
quartz crystal and ceramic resonators, respectively.
OSC1/CLKIN
OSC2/CLKOUT
Clock from
Ext. System
PIC® MCU
FOSC/4 or I/O(1)
Note
1:
Output depends upon CLKOUTEN bit of the
Configuration Words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com