Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 36Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 37Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 38Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 39Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 40Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 41Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 42Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 43Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 442 page
background image
Bank 30
CPU CORE REGISTERS; see Table 3-2 for specifics
F0Ch
—
—
Unimplemented
—
—
F0Dh
—
—
Unimplemented
—
—
F0Eh
—
—
Unimplemented
—
—
F0Fh
CLCDATA
—
—
—
—
—
—
MLC2OUT
MLC1OUT
---- --00
---- --00
F10h
CLC1CON
LC1EN
—
LC1OUT
LC1INPT
LC1INTN
LC1MODE<2:0>
0-00 0000
0-00 0000
F11h
CLC1POL
LC1POL
—
—
—
LC1G4POL
LC1G3POL
LC1G2POL
LC1G1POL
0--- xxxx
0--- uuuu
F12h
CLC1SEL0
—
—
—
LC1D1S<4:0>
---x xxxx
---u uuuu
F13h
CLC1SEL1
—
—
—
LC1D2S<4:0>
---x xxxx
---u uuuu
F14h
CLC1SEL2
—
—
—
LC1D3S<4:0>
---x xxxx
---u uuuu
F15h
CLC1SEL3
—
—
—
LC1D4S<4:0>
---x xxxx
---u uuuu
F16h
CLC1GLS0
LC1G1D4T
LC1G1D4N
LC1G1D3T
LC1G1D3N
LC1G1D2T
LC1G1D2N
LC1G1D1T
LC1G1D1N
xxxx xxxx
uuuu uuuu
F17h
CLC1GLS1
LC1G2D4T
LC1G2D4N
LC1G2D3T
LC1G2D3N
LC1G2D2T
LC1G2D2N
LC1G2D1T
LC1G2D1N
xxxx xxxx
uuuu uuuu
F18h
CLC1GLS2
LC1G3D4T
LC1G3D4N
LC1G3D3T
LC1G3D3N
LC1G3D2T
LC1G3D2N
LC1G3D1T
LC1G3D1N
xxxx xxxx
uuuu uuuu
F19h
CLC1GLS3
LC1G4D4T
LC1G4D4N
LC1G4D3T
LC1G4D3N
LC1G4D2T
LC1G4D2N
LC1G4D1T
LC1G4D1N
xxxx xxxx
uuuu uuuu
F1Ah
CLC2CON
LC2EN
—
LC2OUT
LC2INPT
LC2INTN
LC2MODE<2:0>
0-00 0000
0-00 0000
F1Bh
CLC2POL
LC2POL
—
—
—
LC2G4POL
LC2G3POL
LC2G2POL
LC2G1POL
0--- xxxx
0--- uuuu
F1Ch
CLC2SEL0
—
—
—
LC2D1S<4:0>
---x xxxx
---u uuuu
F1Dh
CLC2SEL1
—
—
—
LC2D2S<4:0>
---x xxxx
---u uuuu
F1Eh
CLC2SEL2
—
—
—
LC2D3S<4:0>
---x xxxx
---u uuuu
F1Fh
CLC2SEL3
—
—
—
LC2D4S<4:0>
---x xxxx
---u uuuu
F20h
CLC2GLS0
LC2G1D4T
LC2G1D4N
LC2G1D3T
LC2G1D3N
LC2G1D2T
LC2G1D2N
LC2G1D1T
LC2G1D1N
xxxx xxxx
uuuu uuuu
F21h
CLC2GLS1
LC2G2D4T
LC2G2D4N
LC2G2D3T
LC2G2D3N
LC2G2D2T
LC2G2D2N
LC2G2D1T
LC2G2D1N
xxxx xxxx
uuuu uuuu
F22h
CLC2GLS2
LC2G3D4T
LC2G3D4N
LC2G3D3T
LC2G3D3N
LC2G3D2T
LC2G3D2N
LC2G3D1T
LC2G3D1N
xxxx xxxx
uuuu uuuu
F23h
CLC2GLS3
LC2G4D4T
LC2G4D4N
LC2G4D3T
LC2G4D3N
LC2G4D2T
LC2G4D2N
LC2G4D1T
LC2G4D1N
xxxx xxxx
uuuu uuuu
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com