Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 30Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 31Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 32Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 33Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 34Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 35Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 36Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 37Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 442 page
background image
Banks 14-16
CPU CORE REGISTERS; see Table 3-2 for specifics
70Ch-71Fh
—
—
Unimplemented
—
—
78Ch-79Fh
—
—
Unimplemented
—
—
80Ch-81Fh
—
—
Unimplemented
—
—
Bank 17
88Ch
―
―
Unimplemented
―
―
88Dh
―
―
Unimplemented
―
―
88Eh
―
―
Unimplemented
―
―
88Fh
―
―
Unimplemented
―
―
890h
―
―
Unimplemented
―
―
891h
NVMADRL
NVMADR<7:0>
0000 0000
0000 0000
892h
NVMADRH
―
NVMADR<14:8>
1000 0000
1000 0000
893h
NVMDATL
NVMDAT<7:0>
0000 0000
0000 0000
894h
NVMDATH
―
―
NVMDAT<13:8>
--00 0000
--00 0000
895h
NVMCON1
―
NVMREGS
LWLO
FREE
WRERR
WREN
WR
RD
-000 x000
-000 q000
896h
NVMCON2
NVMCON2<7:0>
0000 0000
0000 0000
897h
―
―
Unimplemented
―
―
898h
―
―
Unimplemented
―
―
899h
―
―
Unimplemented
―
―
89Ah
―
―
Unimplemented
―
―
89Bh
PCON0
STKOVF
STKUNF
―
RWDT
RMCLR
RI
POR
BOR
00-1 110q
qq-q qquu
89Ch-89Fh
―
―
Unimplemented
―
―
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com