Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 77Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 78Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 79Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 80Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 81Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 82Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 83Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 84Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 81
PIC16(L)F18313/18323
REGISTER 6-7:
OSCTUNE: HFINTOSC TUNING REGISTER
TABLE 6-3:
SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK SOURCES
U-0
U-0
R/W-1/1
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
—
—
HFTUN<5:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented:
Read as ‘0’
bit 5-0
HFTUN<5:0>:
HFINTOSC Frequency Tuning bits
01 1111
= Maximum frequency
01 1110
•
•
•
00 0001
00 0000
= Center frequency. Oscillator module is running at the calibrated frequency (default value).
11 1111
•
•
•
10 0000
= Minimum frequency
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
OSCCON1
—
NOSC<2:0>
NDIV<3:0>
75
OSCCON2
—
COSC<2:0>
CDIV<3:0>
75
OSCCON3
CWSHOLD SOSCPWR
SOSCBE
ORDY
NOSCR
—
—
—
77
OSCSTAT1
EXTOR
HFOR
—LFOR
SOR
ADOR
—
PLLR
78
OSCEN
EXTOEN
HFOEN
—LFOEN
SOSCEN
ADOEN
—
—
79
OSCFRQ
—
—
—
—
—
HFFRQ<2:0>
80
OSCTUNE
—
—HFTUN<5:0>
81
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by clock sources.
TABLE 6-4:
SUMMARY OF CONFIGURATION WORD WITH CLOCK SOURCES
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG1
13:8
—
—
FCMEN
—CSWEN
—
—
CLKOUTEN
50
7:0
—
RSTOSC2 RSTOSC1
RSTOSC0
—
FEXTOSC2
FEXTOSC1
FEXTOSC0
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com