Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 38Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 39Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 40Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 41Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 42Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 43Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 44Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 45Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 42
Preliminary
 2015 Microchip Technology Inc.
3.3
PCL and PCLATH
The Program Counter (PC) is 15 bits wide. The low byte
comes from the PCL register, which is a readable and
writable register. The high byte (PC<14:8>) is not directly
readable or writable and comes from PCLATH. On any
Reset, the PC is cleared. Figure 3-3 shows the five
situations for the loading of the PC.
FIGURE 3-3:
LOADING OF PC IN
DIFFERENT SITUATIONS
3.3.1
MODIFYING PCL
Executing any instruction with the PCL register as the
destination simultaneously causes the Program
Counter PC<14:8> bits (PCH) to be replaced by the
contents of the PCLATH register. This allows the entire
contents of the program counter to be changed by writ-
ing the desired upper seven bits to the PCLATH regis-
ter. When the lower eight bits are written to the PCL
register, all 15 bits of the program counter will change
to the values contained in the PCLATH register and
those being written to the PCL register.
3.3.2
COMPUTED GOTO
A computed GOTO is accomplished by adding an offset to
the program counter (ADDWF PCL). When performing a
table read using a computed GOTO method, care should
be exercised if the table location crosses a PCL memory
boundary (each 256-byte block). Refer to Application
Note AN556, “Implementing a Table Read” (DS00556).
3.3.3
COMPUTED FUNCTION CALLS
A computed function CALL allows programs to maintain
tables of functions and provide another way to execute
state machines or look-up tables. When performing a
table read using a computed function CALL, care
should be exercised if the table location crosses a PCL
memory boundary (each 256-byte block).
If using the CALL instruction, the PCH<2:0> and PCL
registers are loaded with the operand of the CALL
instruction.
The CALLW instruction enables computed calls by
combining PCLATH and W to form the destination
address. A computed CALLW is accomplished by
loading the W register with the desired address and
executing CALLW. The PCL register is loaded with the
value of W and PCH is loaded with PCLATH.
3.3.4
BRANCHING
The branching instructions add an offset to the PC.
This allows relocatable code and code that crosses
page boundaries. There are two forms of branching,
BRW
and BRA. The PC will have incremented to fetch
the next instruction in both cases. When using either
branching instruction, a PCL memory boundary may be
crossed.
If using BRW, load the W register with the desired
unsigned address and execute BRW. The entire PC will
be loaded with the address PC + 1 + W.
If using BRA, the entire PC will be loaded with PC + 1,
the signed value of the operand of the BRA instruction.
PCL
PCH
0
14
PC
PCL
PCH
0
14
PC
ALU Result
8
7
6
PCLATH
0
Instruction with
PCL as
Destination
GOTO, CALL
OPCODE <10:0>
11
4
6
PCLATH
0
PCL
PCH
0
14
PC
W
8
7
6
PCLATH
0
CALLW
PCL
PCH
0
14
PC
PC + W
15
BRW
PCL
PCH
0
14
PC
PC + OPCODE <8:0>
15
BRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com